Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4502/3 Datasheet(PDF) 24 Page - Texas Instruments

Part # THS4502/3
Description  WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS4502/3 Datasheet(HTML) 24 Page - Texas Instruments

Back Button THS4502/3 Datasheet HTML 20Page - Texas Instruments THS4502/3 Datasheet HTML 21Page - Texas Instruments THS4502/3 Datasheet HTML 22Page - Texas Instruments THS4502/3 Datasheet HTML 23Page - Texas Instruments THS4502/3 Datasheet HTML 24Page - Texas Instruments THS4502/3 Datasheet HTML 25Page - Texas Instruments THS4502/3 Datasheet HTML 26Page - Texas Instruments THS4502/3 Datasheet HTML 27Page - Texas Instruments THS4502/3 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 51 page
background image
SETTING THE OUTPUT COMMON-MODE
VOCM =2.5V
5V
VS
RS
RG1
RG2
RF1
RF2
+
RT
+
RS
2.5-VDC
2.5-VDC
DCCurrentPathtoGround
DCCurrentPathtoGround
I2 =
VOCM
RF2
G2
+R
I1 =
VOCM
RF1
G1
S
T
+R
+R ||R
-
-
R =50kW
R =50kW
V
S+
V
S-
V
OCM
I
IN
I
IN =
2V
V
V
-
-
OCM
S
S+
-
R
THS4504
THS4505
SLOS363D – AUGUST 2002 – REVISED MAY 2008 ......................................................................................................................................................... www.ti.com
Often times, filters like these are used to eliminate
for the sole purpose of filtering any high frequency
broadband noise and out-of-band distortion products
noise that could couple into the signal path through
in signal acquisition systems. It should be noted that
the VOCM circuitry. A 0.1-µF or 1-µF capacitance is a
the increased load placed on the output of the
reasonable value for eliminating a great deal of
amplifier
by
the
second
low-pass
filter
has
a
broadband
interference,
but
additional,
tuned
detrimental effect on the distortion performance. The
decoupling capacitors should be considered if a
preferred method of filtering is using the feedback
specific source of electromagnetic or radio frequency
network,
as
the
typically
smaller
capacitances
interference is present elsewhere in the system.
required at these points in the circuit do not load the
Information on the ac performance (bandwidth, slew
amplifier nearly as heavily in the pass-band.
rate) of the VOCM circuitry is included in the
specification table and graph section.
Since the VOCM pin provides the ability to set an
VOLTAGE WITH THE VOCM INPUT
output
common-mode
voltage,
the
ability
for
increased power dissipation exists. While this does
The output common-mode voltage pin provides a
not pose a performance problem for the amplifier, it
critical function to the fully differential amplifier; it
can cause additional power dissipation of which the
accepts an input voltage and reproduces that input
system designer should be aware. The circuit shown
voltage as the output common-mode voltage. In other
in Figure 84 demonstrates an example of this
words, the VOCM input provides the ability to level-shift
phenomenon. For a device operating on a single 5-V
the outputs to any voltage inside the output voltage
supply with an input signal referenced around ground
swing of the amplifier.
and an output common-mode voltage of 2.5 V, a dc
A description of the input circuitry of the VOCM pin is
potential exists between the outputs and the inputs of
shown below to facilitate an easier understanding of
the device. The amplifier sources current into the
the VOCM interface requirements. The VOCM pin has
feedback network in order to provide the circuit with
two 50-k
Ω resistors between the power supply rails to
the proper operating point. While there are no serious
set the default output common-mode voltage to
effects on the circuit performance, the extra power
midrail. A voltage applied to the VOCM pin alters the
dissipation may need to be included in the system
output common-mode voltage as long as the source
power budget.
has the ability to provide enough current to overdrive
the
two
50-k
Ω
resistors.
This
phenomenon
is
depicted in the VOCM equivalent circuit diagram.
Current drive is especially important when using the
reference voltage of an analog-to-digital converter to
drive VOCM. Output current drive capabilities differ
from part to part, so a voltage buffer may be
necessary in some applications.
Figure 84. Depiction of DC Power Dissipation
Figure 83. Equivalent Input Circuit for VOCM
Caused by Output Level-Shifting in a DC-Coupled
Circuit
By design, the input signal applied to the VOCM pin
propagates to the outputs as a common-mode signal.
As shown in the equivalent circuit diagram, the VOCM
input has a high impedance associated with it,
dictated by the two 50-k
Ω resistors. While the high
impedance allows for relaxed drive requirements, it
also allows the pin and any associated printed-circuit
board traces to act as an antenna. For this reason, a
decoupling capacitor is recommended on this node
24
Submit Documentation Feedback
Copyright © 2002–2008, Texas Instruments Incorporated
Product Folder Link(s): THS4504 THS4505



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com