Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WBA62CIF6TR Datasheet(PDF) 49 Page - STMicroelectronics

Part # STM32WBA62CIF6TR
Description  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with TrustZone , FPU, Bluetooth IEEE802.15.4 radio solution
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA62CIF6TR Datasheet(HTML) 49 Page - STMicroelectronics

Back Button STM32WBA62CIF6TR Datasheet HTML 45Page - STMicroelectronics STM32WBA62CIF6TR Datasheet HTML 46Page - STMicroelectronics STM32WBA62CIF6TR Datasheet HTML 47Page - STMicroelectronics STM32WBA62CIF6TR Datasheet HTML 48Page - STMicroelectronics STM32WBA62CIF6TR Datasheet HTML 49Page - STMicroelectronics STM32WBA62CIF6TR Datasheet HTML 50Page - STMicroelectronics STM32WBA62CIF6TR Datasheet HTML 51Page - STMicroelectronics STM32WBA62CIF6TR Datasheet HTML 52Page - STMicroelectronics STM32WBA62CIF6TR Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 185 page
background image
DS14736 Rev 1
49/185
STM32WBA6xxx
Functional overview
69
•
Analog input channels
–
Up to 10 external analog inputs
–
One channel for the internal temperature sensor (VSENSE)
–
One channel for the internal reference voltage (VREFINT)
–
One channel for the internal digital core voltage (VCORE)
•
Start-of-conversion can be initiated:
–
By software
–
By hardware triggers with configurable polarity (timer events or GPIO input
events)
•
Conversion modes
–
Conversion of a single channel or scan of a sequence of channels
–
Selected inputs converted once per trigger in Single mode
–
Selected inputs converted continuously in Continuous mode
–
Discontinuous mode
•
Interrupt generation at the end of sampling, end of conversion, end of sequence
conversion, and in case of analog watchdog or overrun events, with wake-up from Stop
capability
•
Three analog watchdogs
•
ADC supply requirements: 1.62 to 3.6 V
•
ADC input range: VSSA < VIN < VDDA
Note:
The ADC4 analog block clock frequency after the ADC4 prescaler must be between
140 kHz and 55 MHz.
Note:
VSSA is connected to package pin VSS.
3.20.1
Temperature sensor (VSENSE)
The temperature sensor generates a voltage VSENSE that varies linearly with temperature.
The temperature sensor is internally connected to ADC4 input channel that is used to
convert the sensor output voltage into a digital value.
The sensor provides good linearity but it must be calibrated to obtain a good accuracy of the
temperature measurement. As the offset of the temperature sensor varies from chip to chip
due to process variation, the uncalibrated internal temperature sensor is suitable for
applications that detect temperature changes only.
To improve the accuracy of the temperature sensor measurement, each device is
individually factory-calibrated by ST. The temperature sensor factory calibration data are
stored by STMicroelectronics in the system memory area, accessible in read-only mode.
Table 14. Temperature sensor calibration values
Calibration
value name
Description
Memory address
TS_CAL1
Temperature sensor ADC4 12-bit raw data acquired at (30 ± 5) °C,
VDDA = 3.0 V (± 10 mV)
0x0BFA 0710 - 0x0BFA 0711
TS_CAL2
Temperature sensor ADC4 12-bit raw data acquired at (130 ± 5) °C,
VDDA = 3.0 V (± 10 mV)
0x0BFA 0742 - 0x0BFA 0743



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com