Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WBA62CIF6TR Datasheet(PDF) 2 Page - STMicroelectronics

Part # STM32WBA62CIF6TR
Description  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with TrustZone , FPU, Bluetooth IEEE802.15.4 radio solution
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA62CIF6TR Datasheet(HTML) 2 Page - STMicroelectronics

  STM32WBA62CIF6TR Datasheet HTML 1Page - STMicroelectronics STM32WBA62CIF6TR Datasheet HTML 2Page - STMicroelectronics STM32WBA62CIF6TR Datasheet HTML 3Page - STMicroelectronics STM32WBA62CIF6TR Datasheet HTML 4Page - STMicroelectronics STM32WBA62CIF6TR Datasheet HTML 5Page - STMicroelectronics STM32WBA62CIF6TR Datasheet HTML 6Page - STMicroelectronics STM32WBA62CIF6TR Datasheet HTML 7Page - STMicroelectronics STM32WBA62CIF6TR Datasheet HTML 8Page - STMicroelectronics STM32WBA62CIF6TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 185 page
background image
STM32WBA6xxx
2/185
DS14736 Rev 1
Power management
• Embedded regulator LDO and SMPS step-
down converter, supporting switch on-the-fly
and voltage scaling
Clock management
• 32 MHz crystal oscillator
• 32 kHz crystal oscillator (LSE)
• Internal low power 32 kHz (±5%) RC
• Internal low frequency 32 kHz RC
(500 ppm/°C)
• Internal 16 MHz factory trimmed RC (±1%)
• PLL for system clock, audio, and ADC
General-purpose input/output
• Up to 86 I/Os (most of them 5 V-tolerant) with
interrupt capability, and up to 14 I/Os with
independent supply down to 1.08 V
Analog peripherals (independent supply)
• 12-bit ADC 2.5 Msps, up to 16-bit with
hardware oversampling
• Two ultra-low-power comparators
Communication peripherals
• One USB OTG high-speed with embedded
PHY
• One SAI (serial audio interface)
• Four UARTs (ISO 7816, IrDA, modem)
• Three SPIs
• Four I2Cs FM+ (1 Mbit/s), SMBus/PMBus®
System peripherals
• Touch sensing controller, up to 24 sensors,
supporting touch key, linear, and rotary touch
sensors
• One 16-bit, advanced motor control timer
• Three 16-bit timers and two 32-bit timers
• Two low power 16-bit timers (available in Stop
mode)
• Two Systick timers
• RTC with hardware calendar and calibration
• Two watchdogs
• 8-channel DMA controller, functional in Stop
mode
Security and cryptography
• Arm® TrustZone® and securable I/Os,
memories, and peripherals
• Flexible life cycle scheme with read-out
protection (RDP) and password protected
debug
• Root of trust thanks to unique boot entry and
secure hide protection area (HDP)
• Secure firmware installation (SFI), thanks to
embedded root secure services (RSS)
• Secure data storage with hardware unique key
(HUK)
• Secure firmware upgrade support with TF-M
• Two AES coprocessors, including one with
DPA resistance
• Public key accelerator, DPA resistant
• HASH hardware accelerator
• True random number generator, NIST
SP800-90B compliant
• 96-bit unique ID
• Active tampers
• CRC calculation unit
Development support
• Serial wire debug (SWD), JTAG
• Embedded trace (ETM)
ECOPACK2 compliant packages
Table 1. Device summary
Reference
Part numbers
STM32WBA62xx
STM32WBA62CG, STM32WBA62CI,
STM32WBA62MG, STM32WBA62MI,
STM32WBA62PG, STM32WBA62PI
STM32WBA63xx STM32WBA63CG, STM32WBA63CI
STM32WBA64xx STM32WBA64CG, STM32WBA64CI
STM32WBA65xx
STM32WBA65CG, STM32WBA65CI,
STM32WBA65MG, STM32WBA65MI,
STM32WBA65PG, STM32WBA65PI,
STM32WBA65RG, STM32WBA65RI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com