Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WBA62CIF6TR Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM32WBA62CIF6TR
Description  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with TrustZone , FPU, Bluetooth IEEE802.15.4 radio solution
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA62CIF6TR Datasheet(HTML) 1 Page - STMicroelectronics

  STM32WBA62CIF6TR Datasheet HTML 1Page - STMicroelectronics STM32WBA62CIF6TR Datasheet HTML 2Page - STMicroelectronics STM32WBA62CIF6TR Datasheet HTML 3Page - STMicroelectronics STM32WBA62CIF6TR Datasheet HTML 4Page - STMicroelectronics STM32WBA62CIF6TR Datasheet HTML 5Page - STMicroelectronics STM32WBA62CIF6TR Datasheet HTML 6Page - STMicroelectronics STM32WBA62CIF6TR Datasheet HTML 7Page - STMicroelectronics STM32WBA62CIF6TR Datasheet HTML 8Page - STMicroelectronics STM32WBA62CIF6TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 185 page
background image
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to
change without notice.
December 2024
DS14736 Rev 1
1/185
STM32WBA6xxx
Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33
with TrustZone®, FPU, Bluetooth® IEEE802.15.4 radio solution
Datasheet
- preliminary data
Features
Includes ST state-of-the-art patented
technology
Ultra-low-power radio
• 2.4 GHz radio
• RF transceiver supporting Bluetooth® Low
Energy 5.4 specification,
IEEE 802.15.4-2015 PHY and MAC,
supporting Thread, Matter, and Zigbee®
• Proprietary protocols
• RX sensitivity: -96 dBm (Bluetooth® Low
Energy at 1 Mbps), -100 dBm
(IEEE 802.15.4 at 250 kbps)
• Programmable output power up to +10 dBm,
with 1 dB steps
• Support for external PA
• Isochronous channel (Auracast/Unicast),
AOA/AOD, long range
• Packet traffic arbitration
• Integrated balun to reduce BOM
• Single crystal operation
• Suitable for systems requiring compliance with
radio frequency regulations ETSI EN 300 328,
EN 300 440, FCC CFR47 Part 15 and ARIB
STD-T66
Ultra-low-power with FlexPowerControl
• 1.71 to 3.6 V power supply
• -40 to 85/105 °C ambient temperature range
• Autonomous peripherals with DMA, functional
down to Stop 1 mode
• 120 nA Standby mode (16 wake-up pins)
• 1.33 μA Standby mode with RTC
• 1.15 µA Standby mode with 64-Kbyte SRAM
• 5.30 µA Stop 2 mode with 64-Kbyte SRAM
• 29 µA/MHz Run mode
• Radio: Rx 4.26 mA / Tx at 0 dBm 5.94 mA
Core
• Arm® 32-bit Cortex®-M33 CPU with
TrustZone®, MPU, DSP, and FPU
ART Accelerator
• 8-Kbyte instruction cache allowing 0-wait-state
execution from flash memory (frequency up to
100 MHz, 150 DMIPS)
Benchmarks
• 1.5 DMIPS/MHz (Dhrystone 2.1)
• 410 CoreMark® (4.10 CoreMark/MHz)
Memories
• Up to 2-Mbyte dual bank flash memory with
ECC, including 512 Kbytes with 100 K cycles
• Up to 512-Kbyte SRAM, including 64 Kbytes
with parity check
• 512-byte (32 rows) OTP
UFQFPN48
7 x 7 mm solder pad
VFQFPN68
8 x 8 mm solder pad
Thin WLCSP88
3.78 x 3.46 mm
UFBGA121
6 x 6 mm
www.st.com


Similar Part No. - STM32WBA62CIF6TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32WBA50KG STMICROELECTRONICS-STM32WBA50KG Datasheet
1Mb / 110P
Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with FPU, Bluetooth® 5.4 radio solution
12-Sep-2024
STM32WBA5MMG STMICROELECTRONICS-STM32WBA5MMG Datasheet
1Mb / 25P
Bluetooth® LE and IEEE 802.15.4 radio module
06-May-2025
STM32WBA5MMGH6TR STMICROELECTRONICS-STM32WBA5MMGH6TR Datasheet
1Mb / 25P
Bluetooth® LE and IEEE 802.15.4 radio module
06-May-2025
More results

Similar Description - STM32WBA62CIF6TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32WB10CC STMICROELECTRONICS-STM32WB10CC Datasheet
1Mb / 110P
Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5.2 radio solution
June 2021
STM32WB55CC STMICROELECTRONICS-STM32WB55CC_V02 Datasheet
3Mb / 193P
Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5.2 and 802.15.4 radio solution
April 2021
STM32WB15CC STMICROELECTRONICS-STM32WB15CC Datasheet
2Mb / 127P
Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5.2 radio solution
August 2021
STM32U575XX STMICROELECTRONICS-STM32U575XX Datasheet
6Mb / 329P
Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 240 DMIPS, up to 2 MB Flash memory, 786 KB SRAM
02-Jun-2022
STM32WB55XX STMICROELECTRONICS-STM32WB55XX_V01 Datasheet
2Mb / 196P
Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5.3 and 802.15.4 radio solution
12-Aug-2022
STM32U545XX STMICROELECTRONICS-STM32U545XX Datasheet
3Mb / 283P
Ultra-low-power Arm® Cortex®-M33 MCUTrustZone®FPU,240 DMIPS, 512 KB flash memory, 274 KB SRAM, crypto
17-Feb-2023
STM32U59XXX STMICROELECTRONICS-STM32U59XXX Datasheet
6Mb / 377P
Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, up to 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI
16-Feb-2023
STM32U5AXXX STMICROELECTRONICS-STM32U5AXXX Datasheet
6Mb / 382P
Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI, crypto
February 2023 Rev 1
STM32U585XX STMICROELECTRONICS-STM32U585XX Datasheet
6Mb / 340P
Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, up to 2 MB Flash memory, 786 KB SRAM, crypto
27-Mar-2023
logo
NXP Semiconductors
LPC55S3X NXP-LPC55S3X Datasheet
3Mb / 164P
32-bit Arm Cortex®-M33, TrustZone, ELS, PRINCE, PKC, 128 KB SRAM
Rev. 3.2 - 22 September 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com