Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WBA62CIF6TR Datasheet(PDF) 13 Page - STMicroelectronics

Part # STM32WBA62CIF6TR
Description  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with TrustZone , FPU, Bluetooth IEEE802.15.4 radio solution
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA62CIF6TR Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STM32WBA62CIF6TR Datasheet HTML 9Page - STMicroelectronics STM32WBA62CIF6TR Datasheet HTML 10Page - STMicroelectronics STM32WBA62CIF6TR Datasheet HTML 11Page - STMicroelectronics STM32WBA62CIF6TR Datasheet HTML 12Page - STMicroelectronics STM32WBA62CIF6TR Datasheet HTML 13Page - STMicroelectronics STM32WBA62CIF6TR Datasheet HTML 14Page - STMicroelectronics STM32WBA62CIF6TR Datasheet HTML 15Page - STMicroelectronics STM32WBA62CIF6TR Datasheet HTML 16Page - STMicroelectronics STM32WBA62CIF6TR Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 185 page
background image
DS14736 Rev 1
13/185
STM32WBA6xxx
Description
69
2
Description
The STM32WBA6xxx multiprotocol wireless and ultra-low-power devices embed a powerful
and ultra-low-power radio compliant with the Bluetooth® SIG Low Energy specification 5.4
and with IEEE 802.15.4-2015. They contain a high-performance Arm® Cortex®-M33 32-bit
RISC core, and operate at a frequency of up to 100 MHz.
The devices integrate a 2.4 GHz RADIO supporting Bluetooth Low Energy, Matter, Thread,
and Zigbee®, and make possible to use proprietary protocols and concurrent operation
modes. They provide support for an array of up to eight antennas, and an external power
amplifier. PTA (packet traffic arbitration) interface is supported as well.
The Cortex-M33 core features a single-precision floating-point unit (FPU), supporting all the
Arm single-precision data-processing instructions and all the data types. This core
implements a full set of DSP (digital signal processing) instructions and a memory protection
unit (MPU) that enhances the application security.
The devices embed high-speed memories (up to 2-Mbyte flash, up to 512-Kbyte SRAM), an
extensive range of enhanced I/Os, and peripherals connected to AHB and APB buses on
the 32-bit multi-AHB bus matrix.
The security foundation is compliant with the TBSA (trusted-based security architecture)
requirements from Arm. It embeds the features needed to implement secure boot, secure
data storage, and secure firmware update. Besides these capabilities, the devices
incorporate a secure firmware installation feature that allows the customer to secure the
provisioning of the code during its production. A flexible life cycle is managed thanks to
multiple levels readout protection and debug unlock with password.
Firmware hardware isolation is supported thanks to securable peripherals, memories and
I/Os, and privilege configuration of peripherals and memories.
The devices feature protection mechanisms for embedded flash memory and SRAM:
readout protection, write protection, secure, and hide protection areas.
Dedicated peripherals reinforce security: a fast AES coprocessor, a secure AES
coprocessor with DPA resistance and hardware unique key that can be shared by hardware
with fast AES, a PKA (public key accelerator) with DPA resistance, a HASH hardware
accelerator, and a true random number generator.
The devices offer active tamper detection and protection against transient perturbation
attacks, thanks to several internal monitoring generating secret data erase in case of attack.
This helps to fit the PCI requirements for point of sales applications.
Hardware semaphores allow synchronization between software processes.
The devices offer one 12-bit ADC (2.5 Msps), up to two comparators, a low-power RTC, up
to two 32-bit general-purpose timer, one 16-bit PWM timer for motor control, three 16-bit
general-purpose timers, and two 16-bit low-power timers. They also feature standard and
advanced communication interfaces, namely up to four I2Cs, up to three SPIs, one SAI, up
to three USARTs, one low-power UART, and one USB OTG high-speed.
The devices operate in the -40 to 85 °C (105 °C junction) and -40 to 105 °C (125 °C
junction) temperature ranges from a 1.71 to 3.6 V power supply.
The design of low-power applications is enabled by a comprehensive set of power-saving
modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com