Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL071IP Datasheet(PDF) 25 Page - Texas Instruments

Part # TL071IP
Description  TL07xx Low-Noise, FET-Input Operational Amplifiers
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TL071IP Datasheet(HTML) 25 Page - Texas Instruments

Back Button TL071IP Datasheet HTML 21Page - Texas Instruments TL071IP Datasheet HTML 22Page - Texas Instruments TL071IP Datasheet HTML 23Page - Texas Instruments TL071IP Datasheet HTML 24Page - Texas Instruments TL071IP Datasheet HTML 25Page - Texas Instruments TL071IP Datasheet HTML 26Page - Texas Instruments TL071IP Datasheet HTML 27Page - Texas Instruments TL071IP Datasheet HTML 28Page - Texas Instruments TL071IP Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 89 page
background image
5.11 Typical Characteristics: All Devices Except TL07xH (continued)
0
0
|VCC±| − Supply Voltage − V
16
±15
2
4
6
8
10
12
14
±2.5
±5
±7.5
±10
±12.5
RL = 10 kΩ
TA = 25°C
Figure 5-44. Maximum Peak Output Voltage vs Supply Voltage
−75
1
TA − Free-Air Temperature − °C
125
1000
−50
−25
0
25
50
75
100
2
4
10
20
40
100
200
400
VCC± = ±15 V
VO = ±10 V
RL = 2 kΩ
Figure 5-45. Large-Signal Differential Voltage Amplification vs
Free-Air Temperature
Figure 5-46. Large-Signal Differential Voltage Amplification and
Phase Shift vs Frequency
1.02
1.01
1
0.99
0.98
1.03
0.97
−75
0.7
TA − Free-Air Temperature − °C
125
1.3
−50
−25
0
25
50
75
100
0.8
0.9
1
1.1
1.2
Unity-Gain Bandwidth
VCC± = ±15 V
RL = 2 kΩ
f = B1 for Phase Shift
Phase Shift
Figure 5-47. Normalized Unity-Gain Bandwidth and Phase Shift
vs Free-Air Temperature
−75
83
TA − Free-Air Temperature − °C
125
89
−50
−25
0
25
50
75
100
84
85
86
87
88
VCC± = ±15 V
RL = 10 kΩ
Figure 5-48. Common-Mode Rejection Ratio vs Free-Air
Temperature
0
0
|VCC±| − Supply Voltage − V
16
2
2
4
6
8
10
12
14
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
TA = 25°C
No Signal
No Load
Figure 5-49. Supply Current Per Amplifier vs Supply Voltage
www.ti.com
TL071, TL071A, TL071B, TL071H
TL072, TL072A, TL072B, TL072H, TL072M
TL074, TL074A, TL074B, TL074H, TL074M
SLOS080W – SEPTEMBER 1978 – REVISED JULY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
25
Product Folder Links: TL071 TL071A TL071B TL071H TL072 TL072A TL072B TL072H TL072M TL074 TL074A TL074B TL074H TL074M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com