Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL071IP Datasheet(PDF) 10 Page - Texas Instruments

Part # TL071IP
Description  TL07xx Low-Noise, FET-Input Operational Amplifiers
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TL071IP Datasheet(HTML) 10 Page - Texas Instruments

Back Button TL071IP Datasheet HTML 6Page - Texas Instruments TL071IP Datasheet HTML 7Page - Texas Instruments TL071IP Datasheet HTML 8Page - Texas Instruments TL071IP Datasheet HTML 9Page - Texas Instruments TL071IP Datasheet HTML 10Page - Texas Instruments TL071IP Datasheet HTML 11Page - Texas Instruments TL071IP Datasheet HTML 12Page - Texas Instruments TL071IP Datasheet HTML 13Page - Texas Instruments TL071IP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 89 page
background image
5 Specifications
Note
The TLV07xx series has transitioned new die fabrication into a modern process.
This new die is available with an H suffix.
A die with a different suffix is either older or newer; see also Section 9.1.1.
Section 5.7 and Section 5.10 describe the performance of the new die.
Section 5.8, Section 5.9, and Section 5.11 describe the performance of the old die.
5.1 Absolute Maximum Ratings
over operating ambient temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
Supply voltage, VS = (V+) – (V–)
All NS and PS packages; All TL07xM devices
–0.3
36
V
All other devices
0
42
Signal input
pins
Common-mode
voltage(2)
All NS and PS packages; All TL07xM devices
(VCC–) – 0.3
(VCC–) + 36
V
All other devices
(VCC–) – 0.5
(VCC+) + 0.5
Differential voltage(2)
All NS and PS packages; All TL07xM devices(3)
(VCC–) – 0.3
(VCC–) + 36
V
All other devices
VS + 0.2
Current(2)
All NS and PS packages; All TL07xM devices
50
mA
All other devices
–10
10
Output short-circuit(4)
Continuous
Operating ambient temperature, TA
–55
150
°C
Junction temperature, TJ
150
°C
Case temperature for 60 seconds - FK package
260
°C
Lead temperature 1.8 mm (1/16 inch) from case for 10 seconds
300
°C
Storage temperature, Tstg
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress
ratings only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under
Recommended Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device
reliability.
(2)
Input pins are diode-clamped to both power-supply rails on all new die. Current limit input signals that swing more than 0.5 V beyond
the supply rails to 10 mA or less.
(3)
Differential voltage only limited by input voltage.
(4)
Short-circuit to ground, one amplifier per package.
5.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±1000
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
TL071, TL071A, TL071B, TL071H
TL072, TL072A, TL072B, TL072H, TL072M
TL074, TL074A, TL074B, TL074H, TL074M
SLOS080W – SEPTEMBER 1978 – REVISED JULY 2025
www.ti.com
10
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TL071 TL071A TL071B TL071H TL072 TL072A TL072B TL072H TL072M TL074 TL074A TL074B TL074H TL074M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com