Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL071IP Datasheet(PDF) 70 Page - Texas Instruments

Part # TL071IP
Description  TL07xx Low-Noise, FET-Input Operational Amplifiers
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TL071IP Datasheet(HTML) 70 Page - Texas Instruments

Back Button TL071IP Datasheet HTML 66Page - Texas Instruments TL071IP Datasheet HTML 67Page - Texas Instruments TL071IP Datasheet HTML 68Page - Texas Instruments TL071IP Datasheet HTML 69Page - Texas Instruments TL071IP Datasheet HTML 70Page - Texas Instruments TL071IP Datasheet HTML 71Page - Texas Instruments TL071IP Datasheet HTML 72Page - Texas Instruments TL071IP Datasheet HTML 73Page - Texas Instruments TL071IP Datasheet HTML 74Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 89 page
background image
www.ti.com
PACKAGE OUTLINE
C
0.22
0.08
TYP
0.15
2.4
1.8
2X 0.65
1.3
1.1 MAX
0.1
0.0
TYP
5X
0.33
0.15
NOTE 5
0.1
C A B
0.46
0.26
TYP
8
0
TYP
1.3
4X 0 -12
4X 4 -15
A
2.15
1.85
B
1.4
1.1
(0.9)
(0.15)
(0.1)
SOT - 1.1 max height
DCK0005A
SMALL OUTLINE TRANSISTOR
4214834/G 11/2024
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. Refernce JEDEC MO-203.
4. Support pin may differ or may not be present.
5. Lead width does not comply with JEDEC.
6. Body dimensions do not include mold flash, protrusions, or gate burrs. Mold flash, protrusions, or gate burrs shall not exceed
0.25mm per side
0.1
C A B
1
3
4
5
2
INDEX AREA
PIN 1
NOTE 4
NOTE 5
GAGE PLANE
SEATING PLANE
0.1 C
SCALE 5.600



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com