Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL071IP Datasheet(PDF) 26 Page - Texas Instruments

Part # TL071IP
Description  TL07xx Low-Noise, FET-Input Operational Amplifiers
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TL071IP Datasheet(HTML) 26 Page - Texas Instruments

Back Button TL071IP Datasheet HTML 22Page - Texas Instruments TL071IP Datasheet HTML 23Page - Texas Instruments TL071IP Datasheet HTML 24Page - Texas Instruments TL071IP Datasheet HTML 25Page - Texas Instruments TL071IP Datasheet HTML 26Page - Texas Instruments TL071IP Datasheet HTML 27Page - Texas Instruments TL071IP Datasheet HTML 28Page - Texas Instruments TL071IP Datasheet HTML 29Page - Texas Instruments TL071IP Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 89 page
background image
5.11 Typical Characteristics: All Devices Except TL07xH (continued)
−75
0
TA − Free-Air Temperature − °C
125
2
−50
−25
0
25
50
75
100
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
VCC± = ±15 V
No Signal
No Load
Figure 5-50. Supply Current Per Amplifier vs Free-Air
Temperature
−75
0
TA − Free-Air Temperature −C
°
125
250
−50
−25
0
25
50
75
100
25
50
75
100
125
150
175
200
225
VCC± = 15 V
±
No Signal
No Load
TL074
TL071
TL072
Figure 5-51. Total Power Dissipation vs Free-Air Temperature
Figure 5-52. Normalized Slew Rate vs Free-Air Temperature
10
0
f − Frequency − Hz
100 k
50
10
20
30
40
VCC± = ±15 V
AVD = 10
RS = 20 Ω
TA = 25°C
40 100
400 1 k
4 k 10 k
40 k
Figure 5-53. Equivalent Input Noise Voltage vs Frequency
0.001
1
40 k
10 k
4 k
1 k
400
100 k
f − Frequency − Hz
100
0.004
0.01
0.04
0.1
0.4
VCC± = ±15 V
AVD = 1
VI(RMS) = 6 V
TA = 25°C
Figure 5-54. Total Harmonic Distortion vs Frequency
−6
t − Time − µs
3.5
6
0
0.5
1
1.5
2
2.5
3
−4
−2
0
2
4
Output
Input
VCC± = ±15 V
RL = 2 kΩ
TA = 25°C
CL = 100 pF
Figure 5-55. Voltage-Follower Large-Signal Pulse Response
TL071, TL071A, TL071B, TL071H
TL072, TL072A, TL072B, TL072H, TL072M
TL074, TL074A, TL074B, TL074H, TL074M
SLOS080W – SEPTEMBER 1978 – REVISED JULY 2025
www.ti.com
26
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TL071 TL071A TL071B TL071H TL072 TL072A TL072B TL072H TL072M TL074 TL074A TL074B TL074H TL074M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com