| Electronic Components Datasheet Search |
|
TLV314IDBVT Datasheet(PDF) 19 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TLV314IDBVT Datasheet(HTML) 19 Page - Texas Instruments |
|
19 / 41 page ![]() N/C ±IN +IN V± V+ OUTPUT N/C N/C VS+ GND VS± GND Ground (GND) plane on another layer. VOUT VIN GND Run the input traces as far away from the supply lines as possible. Use a low-ESR, ceramic bypass capacitor. RF RG Place components close to the device and to each other to reduce parasitic errors. + VIN VOUT RG RF (Schematic Representation) Use a low-ESR, ceramic bypass capacitor. 19 TLV314, TLV2314, TLV4314 www.ti.com SBOS754A – MARCH 2016 – REVISED MARCH 2016 Product Folder Links: TLV314 TLV2314 TLV4314 Submit Documentation Feedback Copyright © 2016, Texas Instruments Incorporated 11 Layout 11.1 Layout Guidelines For best operational performance of the device, use good printed circuit board (PCB) layout practices, including: • Noise can propagate into analog circuitry through the power pins of the circuit as a whole and the operational amplifier. Use bypass capacitors to reduce the coupled noise by providing low-impedance power sources local to the analog circuitry. – Connect low-ESR, 0.1-µF ceramic bypass capacitors between each supply pin and ground, placed as close to the device as possible. A single bypass capacitor from V+ to ground is applicable for single- supply applications. • Separate grounding for analog and digital portions of the circuitry is one of the simplest and most effective methods of noise suppression. One or more layers on multilayer PCBs are usually devoted to ground planes. A ground plane helps distribute heat and reduces EMI noise pickup. Make sure to physically separate digital and analog grounds, paying attention to the flow of the ground current. For more detailed information, see Circuit Board Layout Techniques, SLOA089. • To reduce parasitic coupling, run the input traces as far away from the supply or output traces as possible. If these traces cannot be kept separate, crossing the sensitive trace perpendicularly is much better than crossing in parallel with the noisy trace. • Place the external components as close to the device as possible. Keep RF and RG close to the inverting input in order to minimize parasitic capacitance, as shown in Figure 20. • Keep the length of input traces as short as possible. Always remember that the input traces are the most sensitive part of the circuit. • Consider a driven, low-impedance guard ring around the critical traces. A guard ring can significantly reduce leakage currents from nearby traces that are at different potentials. 11.2 Layout Example Figure 20. Operational Amplifier Board Layout for Noninverting Configuration |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |