Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2371IP Datasheet(PDF) 3 Page - Texas Instruments

Part # TLV2371IP
Description  TLV237x 500-μA/Ch, 3-MHz Rail-to-Rail Input and Output Operational Amplifiers With Shutdown
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV2371IP Datasheet(HTML) 3 Page - Texas Instruments

  TLV2371IP Datasheet HTML 1Page - Texas Instruments TLV2371IP Datasheet HTML 2Page - Texas Instruments TLV2371IP Datasheet HTML 3Page - Texas Instruments TLV2371IP Datasheet HTML 4Page - Texas Instruments TLV2371IP Datasheet HTML 5Page - Texas Instruments TLV2371IP Datasheet HTML 6Page - Texas Instruments TLV2371IP Datasheet HTML 7Page - Texas Instruments TLV2371IP Datasheet HTML 8Page - Texas Instruments TLV2371IP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 66 page
background image
1
2
3
4
8
7
6
5
V
DD
SHDN
IN
-
NC
NC
OUT
IN+
GND
3
2
4
6
1
OUT
GND
IN+
5
V
DD
SHDN
IN
-
3
TLV2370, TLV2371, TLV2372
TLV2373, TLV2374, TLV2375
www.ti.com
SLOS270F – MARCH 2001 – REVISED AUGUST 2016
Product Folder Links: TLV2370 TLV2371 TLV2372 TLV2373 TLV2374 TLV2375
Submit Documentation Feedback
Copyright © 2001–2016, Texas Instruments Incorporated
(1)
Typical values measured at 5 V and 25°C.
5 Device Comparison Tables
Table 1. Selection of Signal Amplifier Products(1)
DEVICE
VDD
(V)
VIO
(µV)
IQ/Ch
(µA)
IIB
(pA)
GBW
(MHz)
SR
(V/µs)
SHUTDOWN
RAIL-TO-
RAIL
SINGLES,
DUALS,
QUADS
TLV237x
2.7 to 16
500
550
1
3
2.4
Yes
I/O
S, D, Q
TLC227x
4 to 16
300
1100
1
2.2
3.6
—
O
D, Q
TLV27x
2.7 to 16
500
550
1
3
2.4
—
O
S, D, Q
TLC27x
3 to 16
1100
675
1
1.7
3.6
—
—
S, D, Q
TLV246x
2.7 to 16
150
550
1300
6.4
1.6
Yes
I/O
S, D, Q
TLV247x
2.7 to 16
250
600
2
2.8
1.5
Yes
I/O
S, D, Q
TLV244x
2.7 to 10
300
725
1
1.8
1.4
—
O
D, Q
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
Table 2. Family Package Table(1)
DEVICE
NUMBER OF
CHANNELS
PACKAGE TYPES
SHUTDOWN
UNIVERSAL
EVM
BOARD
PDIP
SOIC
SOT-23
TSSOP
MSOP
TLV2370
1
8
8
6
—
—
Yes
See the EVM
Selection
Guide
TLV2371
1
8
8
5
—
—
—
TLV2372
2
8
8
—
—
8
—
TLV2373
2
14
14
—
—
10
Yes
TLV2374
4
14
14
—
14
—
—
TLV2375
4
16
16
—
16
—
Yes
6 Pin Configuration and Functions
TLV2370 DBV Package
6-Pin SOT-23
Top View
TLV2370 D and P Packages
8-Pin SOIC and PDIP
Top View
Pin Functions: TLV2370
PIN
I/O
DESCRIPTION
NAME
SOT-23
SOIC, PDIP
GND
2
4
—
Ground connection
IN–
4
2
I
Negative (inverting) input
IN+
3
3
I
Positive (noninverting) input
NC
—
1, 5
—
No internal connection (can be left floating)
OUT
1
6
O
Output
SHDN
5
8
I
Shutdown control (active low, can be left floating)
VDD
6
7
—
Positive power supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com