Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2371IP Datasheet(PDF) 12 Page - Texas Instruments

Part # TLV2371IP
Description  TLV237x 500-μA/Ch, 3-MHz Rail-to-Rail Input and Output Operational Amplifiers With Shutdown
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV2371IP Datasheet(HTML) 12 Page - Texas Instruments

Back Button TLV2371IP Datasheet HTML 8Page - Texas Instruments TLV2371IP Datasheet HTML 9Page - Texas Instruments TLV2371IP Datasheet HTML 10Page - Texas Instruments TLV2371IP Datasheet HTML 11Page - Texas Instruments TLV2371IP Datasheet HTML 12Page - Texas Instruments TLV2371IP Datasheet HTML 13Page - Texas Instruments TLV2371IP Datasheet HTML 14Page - Texas Instruments TLV2371IP Datasheet HTML 15Page - Texas Instruments TLV2371IP Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 66 page
background image
12
TLV2370, TLV2371, TLV2372
TLV2373, TLV2374, TLV2375
SLOS270F – MARCH 2001 – REVISED AUGUST 2016
www.ti.com
Product Folder Links: TLV2370 TLV2371 TLV2372 TLV2373 TLV2374 TLV2375
Submit Documentation Feedback
Copyright © 2001–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
at TA = 25°C, VDD = 2.7 V, 5 V, and 15 V (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OUTPUT CHARACTERISTICS
VOH
High-level output voltage
VDD = 2.7 V
At TA = 25°C, VIC = VDD/2, IOH = −1 mA
2.55
2.58
V
At TA = –40°C to +125°C, VIC = VDD/2,
IOH = −1 mA
2.48
VDD = 5 V
At TA = 25°C, VIC = VDD/2, IOH = −1 mA
4.9
4.93
At TA = –40°C to +125°C, VIC = VDD/2,
IOH = −1 mA
4.85
VDD = 15 V
At TA = 25°C, VIC = VDD/2, IOH = −1 mA
14.92
14.96
At TA = –40°C to +125°C, VIC = VDD/2,
IOH = −1 mA
14.9
VDD = 2.7 V
At TA = 25°C, VIC = VDD/2, IOH = −5 mA
1.9
2
At TA = –40°C to +125°C, VIC = VDD/2,
IOH = −5 mA
1.6
VDD = 5 V
At TA = 25°C, VIC = VDD/2, IOH = −5 mA
4.6
4.68
At TA = –40°C to +125°C, VIC = VDD/2,
IOH = −5 mA
4.5
VDD = 15 V
At TA = 25°C, VIC = VDD/2, IOH = −5 mA
14.7
14.8
At TA = –40°C to +125°C, VIC = VDD/2,
IOH = −5 mA
14.6
VOL
Low-level output voltage
VDD = 2.7 V
At TA = 25°C, VIC = VDD/2, IOL = 1 mA
0.1
0.15
At TA = –40°C to +125°C, VIC = VDD/2,
IOL = 1 mA
0.22
V
VDD = 5 V
At TA = 25°C, VIC = VDD/2, IOL = 1 mA
0.05
0.1
At TA = –40°C to +125°C, VIC = VDD/2,
IOL = 1 mA
0.15
VDD = 15 V
At TA = 25°C, VIC = VDD/2, IOL = 1 mA
0.05
0.08
At TA = –40°C to +125°C, VIC = VDD/2,
IOL = 1 mA
0.1
VDD = 2.7 V
At TA = 25°C, VIC = VDD/2, IOL = 5 mA
0.52
0.7
At TA = –40°C to +125°C, VIC = VDD/2,
IOL = 5 mA
1.1
VDD = 5 V
At TA = 25°C, VIC = VDD/2, IOL = 5 mA
0.28
0.4
At TA = –40°C to +125°C, VIC = VDD/2,
IOL = 5 mA
0.5
VDD = 15 V
At TA = 25°C, VIC = VDD/2, IOL = 5 mA
0.19
0.3
At TA = –40°C to +125°C, VIC = VDD/2,
IOL = 5 mA
0.35
IO
Output current
VDD = 2.7 V,
VO = 0.5 V
from rail
Positive rail
4
mA
Negative rail
5
VDD = 5 V,
VO = 0.5 V
from rail
Positive rail
7
Negative rail
8
VDD = 15 V,
VO = 0.5 V
from rail
Positive rail
16
Negative rail
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com