Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2371IP Datasheet(PDF) 14 Page - Texas Instruments

Part # TLV2371IP
Description  TLV237x 500-μA/Ch, 3-MHz Rail-to-Rail Input and Output Operational Amplifiers With Shutdown
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV2371IP Datasheet(HTML) 14 Page - Texas Instruments

Back Button TLV2371IP Datasheet HTML 10Page - Texas Instruments TLV2371IP Datasheet HTML 11Page - Texas Instruments TLV2371IP Datasheet HTML 12Page - Texas Instruments TLV2371IP Datasheet HTML 13Page - Texas Instruments TLV2371IP Datasheet HTML 14Page - Texas Instruments TLV2371IP Datasheet HTML 15Page - Texas Instruments TLV2371IP Datasheet HTML 16Page - Texas Instruments TLV2371IP Datasheet HTML 17Page - Texas Instruments TLV2371IP Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 66 page
background image
14
TLV2370, TLV2371, TLV2372
TLV2373, TLV2374, TLV2375
SLOS270F – MARCH 2001 – REVISED AUGUST 2016
www.ti.com
Product Folder Links: TLV2370 TLV2371 TLV2372 TLV2373 TLV2374 TLV2375
Submit Documentation Feedback
Copyright © 2001–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
at TA = 25°C, VDD = 2.7 V, 5 V, and 15 V (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(1)
Disable time and enable time are defined as the interval between application of the logic signal to the SHDN terminal and the point at
which the supply current has reached one half of its final value.
NOISE, DISTORTION PERFORMANCE
THD + N
Total harmonic distortion plus
noise
VDD = 2.7 V
VO(PP)= VDD/2 V, RL = 2 kΩ,
f = 10 kHz, AV = 1
0.02%
VO(PP)= VDD/2 V, RL = 2 kΩ,
f = 10 kHz, AV = 10
0.05%
VO(PP)= VDD/2 V, RL = 2 kΩ,
f = 10 kHz, AV = 100
0.18%
VDD = 5 V,
15 V
VO(PP)= VDD/2 V, RL = 2 kΩ,
f = 10 kHz, AV = 1
0.02%
VO(PP)= VDD/2 V, RL = 2 kΩ,
f = 10 kHz, AV = 10
0.09%
VO(PP)= VDD/2 V, RL = 2 kΩ,
f = 10 kHz, AV = 100
0.5%
Vn
Equivalent input noise
voltage
f = 1 kHz
39
nV/
√Hz
f = 10 kHz
35
In
Equivalent input noise current f = 1 kHz
0.6
fA/
√Hz
SHUTDOWN CHARACTERISTICS
IDD(SHDN)
Supply current in shutdown
mode (TLV2370, TLV2373,
TLV2375) (per channel)
VDD = 2.7 V,
5 V,
SHDN = 0 V
At TA = 25°C
25
30
µA
At TA = –40°C to +125°C
35
VDD = 15 V,
SHDN = 0 V
At TA = 25°C
40
45
At TA = –40°C to +125°C
50
t(on)
Amplifier turnon time(1)
RL = 2 kΩ
0.8
µs
t(off)
Amplifier turnoff time (1)
RL = 2 kΩ
1
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com