Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2371IP Datasheet(PDF) 32 Page - Texas Instruments

Part # TLV2371IP
Description  TLV237x 500-μA/Ch, 3-MHz Rail-to-Rail Input and Output Operational Amplifiers With Shutdown
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV2371IP Datasheet(HTML) 32 Page - Texas Instruments

Back Button TLV2371IP Datasheet HTML 28Page - Texas Instruments TLV2371IP Datasheet HTML 29Page - Texas Instruments TLV2371IP Datasheet HTML 30Page - Texas Instruments TLV2371IP Datasheet HTML 31Page - Texas Instruments TLV2371IP Datasheet HTML 32Page - Texas Instruments TLV2371IP Datasheet HTML 33Page - Texas Instruments TLV2371IP Datasheet HTML 34Page - Texas Instruments TLV2371IP Datasheet HTML 35Page - Texas Instruments TLV2371IP Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 66 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
7-Oct-2025
Orderable part number
Status
(1)
Material type
(2)
Package | Pins
Package qty | Carrier
RoHS
(3)
Lead finish/
Ball material
(4)
MSL rating/
Peak reflow
(5)
Op temp (°C)
Part marking
(6)
TLV2372ID.B
Active
Production
SOIC (D) | 8
75 | TUBE
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
2372I
TLV2372IDGK
Active
Production
VSSOP (DGK) | 8
80 | TUBE
Yes
NIPDAU | NIPDAUAG
Level-1-260C-UNLIM
-40 to 125
APG
TLV2372IDGK.A
Active
Production
VSSOP (DGK) | 8
80 | TUBE
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
APG
TLV2372IDGK.B
Active
Production
VSSOP (DGK) | 8
80 | TUBE
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
APG
TLV2372IDGKG4
Active
Production
VSSOP (DGK) | 8
80 | TUBE
-
Call TI
Call TI
-40 to 125
TLV2372IDGKR
Active
Production
VSSOP (DGK) | 8
2500 | LARGE T&R
Yes
NIPDAU | NIPDAUAG
Level-1-260C-UNLIM
-40 to 125
APG
TLV2372IDGKR.A
Active
Production
VSSOP (DGK) | 8
2500 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
APG
TLV2372IDGKR.B
Active
Production
VSSOP (DGK) | 8
2500 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
APG
TLV2372IDR
Active
Production
SOIC (D) | 8
2500 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
2372I
TLV2372IDR.A
Active
Production
SOIC (D) | 8
2500 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
2372I
TLV2372IDR.B
Active
Production
SOIC (D) | 8
2500 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
2372I
TLV2372IDRG4
Active
Production
SOIC (D) | 8
2500 | LARGE T&R
-
Call TI
Call TI
-40 to 125
TLV2372IP
Active
Production
PDIP (P) | 8
50 | TUBE
Yes
NIPDAU
N/A for Pkg Type
-40 to 125
2372I
TLV2372IP.A
Active
Production
PDIP (P) | 8
50 | TUBE
Yes
NIPDAU
N/A for Pkg Type
-40 to 125
2372I
TLV2372IP.B
Active
Production
PDIP (P) | 8
50 | TUBE
Yes
NIPDAU
N/A for Pkg Type
-40 to 125
2372I
TLV2372IPE4
Active
Production
PDIP (P) | 8
50 | TUBE
-
Call TI
Call TI
-40 to 125
TLV2373ID
Obsolete
Production
SOIC (D) | 14
-
-
Call TI
Call TI
-40 to 125
2373I
TLV2373IDGS
Active
Production
VSSOP (DGS) | 10
80 | TUBE
Yes
NIPDAU | NIPDAUAG
Level-1-260C-UNLIM
-40 to 125
API
TLV2373IDGS.A
Active
Production
VSSOP (DGS) | 10
80 | TUBE
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
API
TLV2373IDGS.B
Active
Production
VSSOP (DGS) | 10
80 | TUBE
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
API
TLV2373IDGSR
Active
Production
VSSOP (DGS) | 10
2500 | LARGE T&R
Yes
NIPDAU | NIPDAUAG
Level-1-260C-UNLIM
-40 to 125
API
TLV2373IDGSR.A
Active
Production
VSSOP (DGS) | 10
2500 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
API
TLV2373IDGSR.B
Active
Production
VSSOP (DGS) | 10
2500 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
API
TLV2373IDGSRG4
Active
Production
VSSOP (DGS) | 10
2500 | LARGE T&R
-
Call TI
Call TI
-40 to 125
TLV2373IDR
Active
Production
SOIC (D) | 14
2500 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
2373I
TLV2373IDR.A
Active
Production
SOIC (D) | 14
2500 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
2373I
TLV2373IDR.B
Active
Production
SOIC (D) | 14
2500 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
2373I
TLV2373IN
Active
Production
PDIP (N) | 14
25 | TUBE
Yes
NIPDAU
N/A for Pkg Type
-40 to 125
TLV2373I
TLV2373IN.A
Active
Production
PDIP (N) | 14
25 | TUBE
Yes
NIPDAU
N/A for Pkg Type
-40 to 125
TLV2373I
TLV2374ID
Active
Production
SOIC (D) | 14
50 | TUBE
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
2374I
TLV2374ID.A
Active
Production
SOIC (D) | 14
50 | TUBE
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
2374I
Addendum-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com