Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV6742IDDFR Datasheet(PDF) 21 Page - Texas Instruments

Part # TLV6742IDDFR
Description  TLV6741, TLV6742, TLV6744 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV6742IDDFR Datasheet(HTML) 21 Page - Texas Instruments

Back Button TLV6742IDDFR Datasheet HTML 17Page - Texas Instruments TLV6742IDDFR Datasheet HTML 18Page - Texas Instruments TLV6742IDDFR Datasheet HTML 19Page - Texas Instruments TLV6742IDDFR Datasheet HTML 20Page - Texas Instruments TLV6742IDDFR Datasheet HTML 21Page - Texas Instruments TLV6742IDDFR Datasheet HTML 22Page - Texas Instruments TLV6742IDDFR Datasheet HTML 23Page - Texas Instruments TLV6742IDDFR Datasheet HTML 24Page - Texas Instruments TLV6742IDDFR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 67 page
background image
7.8 TLV6742: Typical Characteristics (continued)
at TA = 25°C, VS = ±2.75 V, RL = 10 kΩ connected to VS / 2, VCM = VS / 2, and VOUT = VS / 2, unless otherwise noted.
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
110
115
120
125
130
D015
VCM = V–
Figure 7-53. PSRR vs Temperature
Frequency (Hz)
-20
0
0
30
20
60
40
90
60
120
80
150
100
180
120
210
100
1k
10k
100k
1M
10M
D016
Gain
Phase
CL = 10 pF
Figure 7-54. Open-Loop Gain and Phase vs Frequency
Frequency (Hz)
-80
-60
-40
-20
0
20
40
60
80
1k
10k
100k
1M
10M
D017
G = 1
G = -1
G = 10
G = 100
G = 1000
CL = 10 pF
Figure 7-55. Closed-Loop Gain vs Frequency
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
0.06
0.12
0.18
0.24
0.3
0.36
0.42
0.48
0.54
0.6
0.66
D018
VS=1.8V RL=10k:
VS=1.8V RL=2k:
VS=5.5V RL=10k:
VS=5.5V RL=2k:
Figure 7-56. Open-Loop Gain vs Temperature
Output Voltage (V)
-0.5
0.5
1.5
2.5
3.5
4.5
5.5
-20
0
20
40
60
80
100
120
140
160
180
D019
Figure 7-57. Open-Loop Gain vs Output Voltage
Capacitive Load (pF)
10
20
30
40
50
60
70
80
90
100
30
35
40
45
50
55
D020
Figure 7-58. Phase Margin vs Capacitive Load
www.ti.com
TLV6741, TLV6742
SBOS817I – JUNE 2017 – REVISED AUGUST 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TLV6741 TLV6742



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com