Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV6742IDDFR Datasheet(PDF) 29 Page - Texas Instruments

Part # TLV6742IDDFR
Description  TLV6741, TLV6742, TLV6744 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV6742IDDFR Datasheet(HTML) 29 Page - Texas Instruments

Back Button TLV6742IDDFR Datasheet HTML 25Page - Texas Instruments TLV6742IDDFR Datasheet HTML 26Page - Texas Instruments TLV6742IDDFR Datasheet HTML 27Page - Texas Instruments TLV6742IDDFR Datasheet HTML 28Page - Texas Instruments TLV6742IDDFR Datasheet HTML 29Page - Texas Instruments TLV6742IDDFR Datasheet HTML 30Page - Texas Instruments TLV6742IDDFR Datasheet HTML 31Page - Texas Instruments TLV6742IDDFR Datasheet HTML 32Page - Texas Instruments TLV6742IDDFR Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 67 page
background image
The TLV674x family incorporates internal electrostatic discharge (ESD) protection circuits on all pins, as shown
above. These ESD protection diodes also provide in-circuit, input overdrive protection, as long as the current is
limited to 10 mA as stated in Section 7.1. Figure 8-3 shows how a series input resistor may be added to the
driven input to limit the input current. The added resistor contributes thermal noise at the amplifier input and its
value should be kept to a minimum in noise-sensitive applications.
5 kW
10-mA max
V+
V
IN
V
OUT
I
OVERLOAD
Device
Figure 8-3. Input Current Protection
8.3.6 Typical Specifications and Distributions
Designers often have questions about a typical specification of an amplifier in order to design a more robust
circuit. Due to natural variation in process technology and manufacturing procedures, every specification of an
amplifier will exhibit some amount of deviation from the ideal value, like an amplifier's input offset voltage. These
deviations often follow Gaussian ("bell curve"), or normal, distributions and circuit designers can leverage this
information to guardband their system, even when there is not a minimum or maximum specification in Section
7.6.
1
1
1
1
1
1
1
1
1
0.00002%
1
1
1
0.00002%
-1
-21
-31
-41
-51
-61
+1
+21
+31
+41
+51
+61
34.13% 13.59%
34.13%
13.59%
2.145%
2.145% 0.13185%
0.13185%
0.00312%
0.00312%
Figure 8-4. Ideal Gaussian Distribution
Figure 8-4 shows an example distribution, where µ, or mu, is the mean of the distribution, and where σ,
or sigma, is the standard deviation of a system. For a specification that exhibits this kind of distribution,
approximately two-thirds (68.26%) of all units can be expected to have a value within one standard deviation, or
one sigma, of the mean (from µ–σ to µ+σ).
Depending on the specification, values listed in the typical column of Section 7.6 are represented in different
ways. As a general rule of thumb, if a specification naturally has a nonzero mean (for example, like gain
bandwidth), then the typical value is equal to the mean (µ). However, if a specification naturally has a mean near
www.ti.com
TLV6741, TLV6742
SBOS817I – JUNE 2017 – REVISED AUGUST 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: TLV6741 TLV6742



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com