Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV6742IDDFR Datasheet(PDF) 7 Page - Texas Instruments

Part # TLV6742IDDFR
Description  TLV6741, TLV6742, TLV6744 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV6742IDDFR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLV6742IDDFR Datasheet HTML 3Page - Texas Instruments TLV6742IDDFR Datasheet HTML 4Page - Texas Instruments TLV6742IDDFR Datasheet HTML 5Page - Texas Instruments TLV6742IDDFR Datasheet HTML 6Page - Texas Instruments TLV6742IDDFR Datasheet HTML 7Page - Texas Instruments TLV6742IDDFR Datasheet HTML 8Page - Texas Instruments TLV6742IDDFR Datasheet HTML 9Page - Texas Instruments TLV6742IDDFR Datasheet HTML 10Page - Texas Instruments TLV6742IDDFR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 67 page
background image
7 Specifications
7.1 Absolute Maximum Ratings
over operating ambient temperature range (unless otherwise noted) (1)
MIN
MAX
UNIT
Supply voltage, VS = (V+) – (V–)
0
6
V
Signal input pins
Common-mode voltage (3)
(V–) – 0.5
(V+) + 0.5
V
Differential voltage (3) (4)
VS + 0.2
V
Current (3)
–10
10
mA
Output short-circuit (2)
Continuous
Operating ambient temperature, TA
–55
150
°C
Junction temperature, TJ
150
°C
Storage temperature, Tstg
–65
150
°C
(1)
Operating the device beyond the ratings listed under Absolute Maximum Ratings will cause permanent damage to the device.
These are stress ratings only, based on process and design limitations, and this device has not been designed to function outside
the conditions indicated under Recommended Operating Conditions. Exposure to any condition outside Recommended Operating
Conditions for extended periods, including absolute-maximum-rated conditions, may affect device reliability and performance.
(2)
Short-circuit to ground, one amplifier per package.
(3)
Input pins are diode-clamped to the power-supply rails. Input signals that may swing more than 0.5 V beyond the supply rails must be
current limited to 10 mA or less.
(4)
Differential input voltages greater than 0.25 V applied continuously can result in a shift to the input offset voltage above the maximum
specification of this parameter. The magnitude of this effect increases as the ambient operating temperature rises.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
TLV6741: Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001 (1)
±3000
V
TLV6742: Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001 (1)
±2000
All Devices: Charged-device model (CDM), per JEDEC specification JESD22-C101
(2)
±1500
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.3 Recommended Operating Conditions
over operating ambient temperature range (unless otherwise noted)
MIN
MAX
UNIT
VS
Supply voltage, (V+) – (V–) , for TLV6742 and TLV6744
1.7(1)
5.5
V
VS
Supply voltage, (V+) – (V–), for TLV6741 only
2.25
5.5
V
VI
Input voltage range
(V–)
(V+) – 1.2
V
TA
Specified temperature
–40
125
°C
(1)
Operation between 1.7V and 1.8V is only recommened for TA = 0 - 85 ℃
7.4 Thermal Information for Single Channel
THERMAL METRIC (1)
TLV6741
UNIT
DCK
(SC70)
5 PINS
RθJA
Junction-to-ambient thermal resistance
240.9
℃/W
RθJC(top)
Junction-to-case (top) thermal resistance
151.7
℃/W
RθJB
Junction-to-board thermal resistance
64
℃/W
ψJT
Junction-to-top characterization parameter
34.8
℃/W
ψJB
Junction-to-board characterization parameter
63.3
℃/W
www.ti.com
TLV6741, TLV6742
SBOS817I – JUNE 2017 – REVISED AUGUST 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: TLV6741 TLV6742



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com