Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV6742IDDFR Datasheet(PDF) 13 Page - Texas Instruments

Part # TLV6742IDDFR
Description  TLV6741, TLV6742, TLV6744 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV6742IDDFR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLV6742IDDFR Datasheet HTML 9Page - Texas Instruments TLV6742IDDFR Datasheet HTML 10Page - Texas Instruments TLV6742IDDFR Datasheet HTML 11Page - Texas Instruments TLV6742IDDFR Datasheet HTML 12Page - Texas Instruments TLV6742IDDFR Datasheet HTML 13Page - Texas Instruments TLV6742IDDFR Datasheet HTML 14Page - Texas Instruments TLV6742IDDFR Datasheet HTML 15Page - Texas Instruments TLV6742IDDFR Datasheet HTML 16Page - Texas Instruments TLV6742IDDFR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 67 page
background image
7.7 TLV6741: Typical Characteristics (continued)
at TA = 25°C, VS = 5.5 V, RL = 10 kΩ connected to VS / 2, VCM = VS / 2, and VOUT = VS / 2, unless otherwise noted.
VCM (V)
-4
-3
-2
-1
0
1
2
3
4
-8
-6
-4
-2
0
2
4
6
8
D043
IB
IB+
IOS
Figure 7-7. IB and IOS vs Common-Mode Voltage
Temperature (qC)
0
50
100
150
-120
-100
-80
-60
-40
-20
0
20
D044
IB
IB
IOS
Figure 7-8. IB and IOS vs Temperature
Frequency (Hz)
-75
-75
-50
-50
-25
-25
0
0
25
25
50
50
75
75
100
100
1k
10k
100k
1M
10M
D006
Gain
Phase
CL = 10 pF
Figure 7-9. Open-Loop Gain and Phase vs Frequency
Frequency (Hz)
-40
-30
-20
-10
0
10
20
30
40
1k
10k
100k
1M
10M
D007
Gain = -1
Gain = 10
Gain = 1
Figure 7-10. Closed-Loop Gain vs Frequency
Output Current (mA)
10
20
30
40
50
60
-3
-2
-1
0
1
2
3
-40 C
°
25 C
°
85 C
°
125°C
125 C
°
85 C
°
25 C
°
-40 C
°
D010
2.5
1.5
0.5
-0.5
-1.5
-2.5
15
25
35
45
55
Figure 7-11. VO vs I Sourcing and Sinking
Frequency (Hz)
0
20
40
60
80
100
120
1k
10k
100k
1M
D011
PSRR (dB)
PSRR+ (dB)
Figure 7-12. PSRR vs Frequency (Referred to Input)
www.ti.com
TLV6741, TLV6742
SBOS817I – JUNE 2017 – REVISED AUGUST 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TLV6741 TLV6742



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com