Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV8541DBVR Datasheet(PDF) 2 Page - Texas Instruments

Part # TLV8541DBVR
Description  TLV854x 500-nA, RRIO, Nanopower Operational Amplifiers for Cost-Optimized Systems
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV8541DBVR Datasheet(HTML) 2 Page - Texas Instruments

  TLV8541DBVR Datasheet HTML 1Page - Texas Instruments TLV8541DBVR Datasheet HTML 2Page - Texas Instruments TLV8541DBVR Datasheet HTML 3Page - Texas Instruments TLV8541DBVR Datasheet HTML 4Page - Texas Instruments TLV8541DBVR Datasheet HTML 5Page - Texas Instruments TLV8541DBVR Datasheet HTML 6Page - Texas Instruments TLV8541DBVR Datasheet HTML 7Page - Texas Instruments TLV8541DBVR Datasheet HTML 8Page - Texas Instruments TLV8541DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 42 page
background image
2
TLV8544, TLV8542, TLV8541
SNOSD29E – DECEMBER 2016 – REVISED APRIL 2018
www.ti.com
Product Folder Links: TLV8544 TLV8542 TLV8541
Submit Documentation Feedback
Copyright © 2016–2018, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Description (continued)......................................... 2
6
Pin Configuration and Functions ......................... 3
7
Specifications......................................................... 5
7.1
Absolute Maximum Ratings ...................................... 5
7.2
ESD Ratings.............................................................. 5
7.3
Recommended Operating Conditions ....................... 5
7.4
Thermal Information ................................................. 5
7.5
Electrical Characteristics........................................... 6
7.6
Typical Characteristics .............................................. 7
8
Detailed Description ............................................ 12
8.1
Overview ................................................................. 12
8.2
Functional Block Diagram ....................................... 12
8.3
Feature Description................................................. 12
8.4
Device Functional Modes........................................ 12
9
Application and Implementation ........................ 14
9.1
Application Information............................................ 14
9.2
Typical Application: Battery-Powered Wireless PIR
Motion Detectors ...................................................... 15
9.3
Typical Application: 60-Hz Twin T Notch Filter ....... 19
9.4
Dos and Don'ts ....................................................... 20
10
Power Supply Recommendations ..................... 20
11
Layout................................................................... 21
11.1
Layout Guidelines ................................................. 21
11.2
Layout Example .................................................... 21
12
Device and Documentation Support ................. 22
12.1
Device Support .................................................... 22
12.2
Documentation Support ....................................... 22
12.3
Related Links ........................................................ 22
12.4
Receiving Notification of Documentation Updates 22
12.5
Community Resources.......................................... 22
12.6
Trademarks ........................................................... 23
12.7
Electrostatic Discharge Caution ............................ 23
12.8
Glossary ................................................................ 23
13
Mechanical, Packaging, and Orderable
Information ........................................................... 23
4 Revision History
Changes from Revision D (November 2017) to Revision E
Page
•
Released TLV8542 X2QFN package as production data ...................................................................................................... 1
•
Released TLV8544 SOIC package as production data ........................................................................................................ 1
Changes from Revision C (October 2017) to Revision D
Page
•
Production Data Release of TLV8541 ................................................................................................................................... 1
•
Added 8-pin X2QFN package for the TLV8542...................................................................................................................... 1
Changes from Revision B (June 2017) to Revision C
Page
•
Changed TLV8542 dual datasheet to production data........................................................................................................... 1
Changes from Revision A (March 2017) to Revision B
Page
•
Added Advance Information TLV8542 to the TLV8544 Data Sheet ...................................................................................... 1
Changes from Original (December 2016) to Revision A
Page
•
Changed Product Preview to Production Data release. ........................................................................................................ 1
5 Description (continued)
The TLV854x op amps operates with a single supply voltage down to 1.7 V supply, providing continuous
performance in low battery situations over the extended temperature range of –40°C to +125°C. All versions are
specified for operation from –40°C to 125°C. The TLV8541 (single version) is available in the 5-pin SOT-23 while
the TLV8542 (dual version) is available in the 8-pin SOIC package. The 4-channel TLV8544 (quad version) is
available in the industry standard 14-pin TSSOP package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com