Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV8541DBVR Datasheet(PDF) 13 Page - Texas Instruments

Part # TLV8541DBVR
Description  TLV854x 500-nA, RRIO, Nanopower Operational Amplifiers for Cost-Optimized Systems
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV8541DBVR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLV8541DBVR Datasheet HTML 9Page - Texas Instruments TLV8541DBVR Datasheet HTML 10Page - Texas Instruments TLV8541DBVR Datasheet HTML 11Page - Texas Instruments TLV8541DBVR Datasheet HTML 12Page - Texas Instruments TLV8541DBVR Datasheet HTML 13Page - Texas Instruments TLV8541DBVR Datasheet HTML 14Page - Texas Instruments TLV8541DBVR Datasheet HTML 15Page - Texas Instruments TLV8541DBVR Datasheet HTML 16Page - Texas Instruments TLV8541DBVR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
Common Mode Voltage (V)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
0
80
160
240
320
400
480
560
640
720
800
SNOS
IQ (nA) at 125 °C
IQ (nA) at 25 °C
IQ (nA) at -40 °C
13
TLV8544, TLV8542, TLV8541
www.ti.com
SNOSD29E – DECEMBER 2016 – REVISED APRIL 2018
Product Folder Links: TLV8544 TLV8542 TLV8541
Submit Documentation Feedback
Copyright © 2016–2018, Texas Instruments Incorporated
Device Functional Modes (continued)
Figure 30. Supply Current Change Over Common Mode at 1.8 V
For the lowest supply current operation, keep the input common mode range between V– and 1 V below V+.
8.4.3 Design Optimization With Rail-To-Rail Input
In most applications, operation is within the range of only one differential pair. However, some applications can
subject the amplifier to a common-mode signal in the transition region. Under this condition, the inherent
mismatch between the two differential pairs may lead to degradation of the CMRR and THD. The unity-gain
buffer configuration is the most problematic as it traverses through the transition region if a sufficiently wide input
swing is required.
8.4.4 Design Optimization for Nanopower Operation
When designing for ultra-low power, choose system components carefully. To minimize current consumption,
select large-value resistors. Any resistors react with stray capacitance in the circuit and the input capacitance of
the operational amplifier (op amp). These parasitic RC combinations can affect the stability of the overall system.
A feedback capacitor may be required to assure stability and limit overshoot or gain peaking.
When possible, use AC coupling and AC feedback to reduce static current draw through the feedback elements.
Use film or ceramic capacitors because large electolytics may have static leakage currents in the tens to
hundreds of nanoamps.
8.4.5 Common-Mode Rejection
The CMRR for the TLV854x is specified in two ways so the best match for a given application may be used.
First, the CMRR of the device in the common-mode range below the transition region (VCM < (V+) – 1.2 V) is
given. This specification is the best indicator of the capability of the device when the application requires use of
one of the differential input pairs. Second, the CMRR at VS = 3.3 V over the entire common-mode range is
specified.
8.4.6 Output Stage
The TLV854x output voltage swings 20 mV from rails at a 3.3-V supply, which provides the maximum possible
dynamic range at the output. This is particularly important when operating on low supply voltages.
The TLV854x maximum output voltage swing defines the maximum swing possible under a particular output
load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com