Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV8541DBVR Datasheet(PDF) 8 Page - Texas Instruments

Part # TLV8541DBVR
Description  TLV854x 500-nA, RRIO, Nanopower Operational Amplifiers for Cost-Optimized Systems
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV8541DBVR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLV8541DBVR Datasheet HTML 4Page - Texas Instruments TLV8541DBVR Datasheet HTML 5Page - Texas Instruments TLV8541DBVR Datasheet HTML 6Page - Texas Instruments TLV8541DBVR Datasheet HTML 7Page - Texas Instruments TLV8541DBVR Datasheet HTML 8Page - Texas Instruments TLV8541DBVR Datasheet HTML 9Page - Texas Instruments TLV8541DBVR Datasheet HTML 10Page - Texas Instruments TLV8541DBVR Datasheet HTML 11Page - Texas Instruments TLV8541DBVR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
Frequency (Hz)
60
75
90
105
120
135
10
100
1k
10k
100k
PSRR
Output Sinking Current (mA)
10m
100m
1
10
100P
1m
10m
100m
1
SNOS
Vout (V) at 125 °C
Vout (V) at 25 °C
Vout (V) at -40 °C
Frequency (Hz)
40
60
80
100
120
10
100
1k
10k
SNOS
Supply Voltage (V)
1.6
1.8
2
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
300
325
350
375
400
425
450
475
500
525
550
575
600
625
SNOS
IQ (nA) at 125 °C
IQ (nA) at 25 °C
IQ (nA) at -40 °C
Common Mode Voltage (V)
-0.5 -0.25
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
-350
-300
-250
-200
-150
-100
-50
0
50
Vos-
Vos (PV) at 125 qC
Vos (PV) at 25 qC
Vos (PV) at -40 qC
Common Mode Voltage (V)
-0.5
0
0.5
1
1.5
2
2.5
3
3.5
-350
-300
-250
-200
-150
-100
-50
0
50
Vos-
Vos (PV) at 125 qC
Vos (PV) at 25 qC
Vos (PV) at -40 qC
8
TLV8544, TLV8542, TLV8541
SNOSD29E – DECEMBER 2016 – REVISED APRIL 2018
www.ti.com
Product Folder Links: TLV8544 TLV8542 TLV8541
Submit Documentation Feedback
Copyright © 2016–2018, Texas Instruments Incorporated
Typical Characteristics (continued)
TA = 25°C, RL = 10 MΩ to VS/2 ,CL = 20 pF, VCM = VS / 2 V unless otherwise specified.
VS = 1.8 V
TA = –40, 25, 125°C
Figure 7. Typical Offset Voltage vs Common Mode Voltage
VS = 3.3 V
TA = –40, 25, 125°C
Figure 8. Typical Offset Voltage vs Common Mode Voltage
VS = 1.6 to 3.6V
TA = –40, 25, 125°C
VCM = V-
Figure 9. Supply Current vs Supply Voltage, Low VCM
VS= 3.3V
TA = 25°C
Figure 10. CMRR vs Frequency
VS= 3.3V
TA = 25°C
VCM = V–
Figure 11. PSRR vs Frequency
VS = 1.8 V
TA = –40, 25, 125°C
Figure 12. Output Swing vs Sinking Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com