Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP8796B Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP8796B
Description  16V, 30A, Scalable, Digital, Synchronous Step-Down Converter with PMBus
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8796B Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP8796B Datasheet HTML 1Page - Monolithic Power Systems MP8796B Datasheet HTML 2Page - Monolithic Power Systems MP8796B Datasheet HTML 3Page - Monolithic Power Systems MP8796B Datasheet HTML 4Page - Monolithic Power Systems MP8796B Datasheet HTML 5Page - Monolithic Power Systems MP8796B Datasheet HTML 6Page - Monolithic Power Systems MP8796B Datasheet HTML 7Page - Monolithic Power Systems MP8796B Datasheet HTML 8Page - Monolithic Power Systems MP8796B Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 52 page
background image
MP8796B – 16V, 30A, SYNCHRONOUS STEP-DOWN CONVERTER WITH PMBUS
MP8796B Rev. 1.0
www.MonolithicPower.com
2
1/19/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
TYPICAL APPLICATION CIRCUITS
Single-Phase Operation
SDA
ALT
EN
FB
BST
IN
SW
VIN
MP8796B
VOUT
CIN
CVCC
CBST
L1
COUT
EN
PG
RADDR
SCL
R1
RREF
CCDRV
R2
Two-Phase Operation
EN
FB
BST
IN
SW
VIN
MP8796B
VOUT
CIN
CVCC
CBST
L1
EN
PG
RADDR
SDA
ALT
EN
FB
BST
IN
SW
MP8796B
CIN1
L2
SCL
RADDR1
R1
CBST1
CVCC1
RREF
RREF1
COUT
CDRV
CDRV1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com