Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP8796B Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP8796B
Description  16V, 30A, Scalable, Digital, Synchronous Step-Down Converter with PMBus
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8796B Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP8796B Datasheet HTML 1Page - Monolithic Power Systems MP8796B Datasheet HTML 2Page - Monolithic Power Systems MP8796B Datasheet HTML 3Page - Monolithic Power Systems MP8796B Datasheet HTML 4Page - Monolithic Power Systems MP8796B Datasheet HTML 5Page - Monolithic Power Systems MP8796B Datasheet HTML 6Page - Monolithic Power Systems MP8796B Datasheet HTML 7Page - Monolithic Power Systems MP8796B Datasheet HTML 8Page - Monolithic Power Systems MP8796B Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 52 page
background image
MP8796B – 16V, 30A, SYNCHRONOUS STEP-DOWN CONVERTER WITH PMBUS
MP8796B Rev. 1.0
www.MonolithicPower.com
4
1/19/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
Evaluation Board
Load
Ribbon Cable
GUI
Output
Input
USB to I2C Communication
Interface EVKT-USBI2C-02
Input Power Supply
USB Cable
Load
Figure 1: EVKT-MP8796B Kit Set-Up
PACKAGE REFERENCE
TOP VIEW
IN
SW
PGND
CTRL
SW
15
16
25
IN
5
6
SCL
ALT#
PASS TAKE
SDA
VDRV
PGND
14
9
8
710
12
SET
BST
ADDR
PS#
VOSNS+
ISUM
IREF
AGND
VCC
VOSNS-
PG
11
PGND
13
2
4
3
21
22
19
20
24
23
TQFN-25 (4mmx5mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com