Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP8796B Datasheet(PDF) 24 Page - Monolithic Power Systems

Part # MP8796B
Description  16V, 30A, Scalable, Digital, Synchronous Step-Down Converter with PMBus
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8796B Datasheet(HTML) 24 Page - Monolithic Power Systems

Back Button MP8796B Datasheet HTML 20Page - Monolithic Power Systems MP8796B Datasheet HTML 21Page - Monolithic Power Systems MP8796B Datasheet HTML 22Page - Monolithic Power Systems MP8796B Datasheet HTML 23Page - Monolithic Power Systems MP8796B Datasheet HTML 24Page - Monolithic Power Systems MP8796B Datasheet HTML 25Page - Monolithic Power Systems MP8796B Datasheet HTML 26Page - Monolithic Power Systems MP8796B Datasheet HTML 27Page - Monolithic Power Systems MP8796B Datasheet HTML 28Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 52 page
background image
MP8796B – 16V, 30A, SYNCHRONOUS STEP-DOWN CONVERTER WITH PMBUS
MP8796B Rev 1.0
www.MonolithicPower.com
24
1/19/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
The
MP8796B
provides
output
voltage
monitoring through register READ_VOUT (8Bh).
To achieve correct output voltage setting and
monitoring, the registers VOUT_COMMAND
(21h),
VOUT_MARGIN_
HIGH
(25h),
VOUT_MARGIN_LOW
(26h),
and
VOUT_SCALE_LOOP (29h) should be set
correspondingly. Follow the steps below to set
the output voltage to 2.5V:
1. Determine the Vo_set source using the
OPERATION (01h) command. Assume that
VOUT_COMMAND (21h) is selected.
2. Choose the D1[1:0] value based on the
Vo_set value. The D1[1:0] value should pull
the FB voltage as close to 600mV as
possible. In this case, both D1[1:0] = 2’b10
and D1[1:0] = 2’b11 can provide VO = 2.5V.
However, D1[1:0] = 2’b10 yields a 625mV
FB voltage, while D1[1:0] = 2’b11 yields a
312.5mV FB voltage. Choose D1[1:0] =
2’b10.
3. Set VOUT_SCALE_LOOP (29h) to 0x00FA
to match D1[1:0] = 2’b10.
4. Set VOUT_COMMAND (21h) to 0x4E2
(LSB = 2mV).
5. VOUT_COMMAND (21h) must be sent after
VOUT_SCALE_LOOP
(29h)
and
D1h.
Otherwise, the change of VOUT_SCALE_
LOOP (29h) and D1h will not be effective.
6. VOUT_COMMAND (21h) cannot exceed
the minimum/maximum value specified in
Table 2.
Power Good (PG)
The MP8796B has a power good (PG) output.
PG is the open drain of a MOSFET. Connect
PG to VDRV or another external voltage source
below 3.6V through a pull-up resistor (typically
100kΩ). After applying the input voltage, the
MOSFET turns on, and PG is pulled to GND
before soft start is ready. After the FB voltage
(VFB) reaches the threshold set by PMBus
command POWER_GOOD_ON, PG is pulled
high after a delay set by PMBus. The delay can
be chosen through the PMBus command
MFR_CTRL_VOUT (D1h) [5:2].
When the converter encounters any fault (e.g.
UV, OV, OT, UVLO), PG is latched low and
cannot be pulled high again until a new soft
start initiates.
When the MP8796B is configured as the master
in single- or multi-phase operation, the PG pin
is used for fault indication. Therefore, PG must
be pulled high to ensure proper operation.
Otherwise,
the
MP8796B
may
enter
a
protection mode.
This slave fault detection feature can be
enabled or disabled through the PMBus bit
D0h[0].
If the input supply fails to power the MP8796B,
PG is clamped low even though it is tied to an
external DC source through a pull-up resistor.
Figure 8 shows the relationship between the
PG voltage and the pull-up current.
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
0.6
0.65
0.7
0.75
0.8
0.85
0.9
VPG (V)
Figure 8: PGOOD Clamped Voltage vs. Pull-Up
Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com