Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP8796B Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP8796B
Description  16V, 30A, Scalable, Digital, Synchronous Step-Down Converter with PMBus
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8796B Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP8796B Datasheet HTML 1Page - Monolithic Power Systems MP8796B Datasheet HTML 2Page - Monolithic Power Systems MP8796B Datasheet HTML 3Page - Monolithic Power Systems MP8796B Datasheet HTML 4Page - Monolithic Power Systems MP8796B Datasheet HTML 5Page - Monolithic Power Systems MP8796B Datasheet HTML 6Page - Monolithic Power Systems MP8796B Datasheet HTML 7Page - Monolithic Power Systems MP8796B Datasheet HTML 8Page - Monolithic Power Systems MP8796B Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
MP8796B
16V, 30A, Scalable, Digital, Synchronous
Step-Down Converter with PMBus
MP8796B Rev. 1.0
www.MonolithicPower.com
1
1/19/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
DESCRIPTION
The MP8796B is a fully integrated, PMBus-
compatible, high-frequency, synchronous buck
converter. The MP8796B offers a very compact
solution that achieves up to 30A of output
current per phase with excellent load and line
regulation over a wide input supply range. The
MP8796B operates at high efficiency over a
wide output current load range.
The
PMBus
interface
provides
converter
configurations and key parameter monitoring.
The MP8796B adopts MPS’s proprietary, multi-
phase constant-on-time (MCOT) control, which
provides fast transient response and eases loop
stabilization. The MCOT control scheme also
allows multiple MP8796B devices to be
connected in parallel with excellent current
sharing and phase interleaving for high-current
applications.
Fully integrated protection features include
over-current protection (OCP), over-voltage
protection
(OVP), under-voltage protection
(UVP), and over-temperature protection (OTP).
The MP8796B requires a minimal number of
readily available, standard external components,
and is available in a TQFN-25 (4mmx5mm)
package.
FEATURES
 PMBus 1.3 Compliant
 Scalable Multi-Phase Operation
 3.1V to 16V with External 3.3V VCC Bias,
4V to 16V with Internal Bias or External
3.3V VCC Bias
 30A Continuous Output Current per Phase
 Low RDS(ON) Integrated Power MOSFETs
 Lossless, Accurate On-Die Current Sensing
 Adaptive COT for Ultra-Fast Transient
Response
 Stable with Zero-ESR Output Capacitors
 0.5% Reference Voltage Over 0°C to +70°C
Junction Temperature Range
 Output Voltage True Remote Sense
 Output Adjustable from 0.4V to 0.9 x VIN Up
to 5.5V Max
 Output Voltage/Current, Input Voltage, and
Junction Temperature Reporting
 Built-In MTP to Store Custom
Configurations
 Configurable via PMBus
o Output Voltage
o Output Current Limit
o Selection of Pulse Skip or Forced CCM
Operation
o Soft-Start Time
o Selection of Switching Frequency from
400kHz, 600kHz, 800kHz, or 1000kHz
o Selection of Hiccup or Latch-Off Mode
for OCP, OVP, and OTP
o Ramp Compensation
 Available in a TQFN-25 (4mmx5mm)
Package
APPLICATIONS
 Telecom and Networking Systems
 Base Stations
 Servers
All MPS parts are lead-free, halogen-free, and adhere to the RoHS directive. For
MPS green status, please visit the MPS website under Quality Assurance.
“MPS”, the MPS logo, and “Simple, Easy Solutions” are trademarks of
Monolithic Power Systems, Inc. or its subsidiaries.


Similar Part No. - MP8796B

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
MP8792 MPSIND-MP8792 Datasheet
1Mb / 20P
16V, 12A, Synchronous Step-Down Converter with Adjustable Current Limit,Configurable Frequency, and Voltage Tracking
Rev. 1.0
MP8792GLE MPSIND-MP8792GLE Datasheet
1Mb / 20P
16V, 12A, Synchronous Step-Down Converter with Adjustable Current Limit,Configurable Frequency, and Voltage Tracking
Rev. 1.0
MP8794 MPSIND-MP8794 Datasheet
1Mb / 22P
16V, 20A, Synchronous, Step-Down Converter with Adjustable Current Limit,
Rev. 1.0 12/2/2019
MP8794GLE MPSIND-MP8794GLE Datasheet
1Mb / 22P
16V, 20A, Synchronous, Step-Down Converter with Adjustable Current Limit,
Rev. 1.0 12/2/2019
logo
Exar Corporation
MP8795 EXAR-MP8795 Datasheet
932Kb / 14P
CMOS 1.5 MSPS VERY LOW POWER 10-BIT ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - MP8796B

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2205A MPS-MP2205A Datasheet
757Kb / 14P
16V, 2.5A, 1.3MHz Synchronous Step-Down Converter
MP2214 MPS-MP2214 Datasheet
351Kb / 12P
16V, 4A, 600kHz Synchronous Step-Down Converter
logo
ACE Technology Co., LTD...
ACE727C ACE-ACE727C Datasheet
354Kb / 10P
600KHz, 16V, 2A Synchronous Step-Down Converter
VER 1.2
logo
Texas Instruments
TPS549A20 TI1-TPS549A20 Datasheet
1Mb / 47P
15A Synchronous Step-Down SWIFT Converter With PMBus
logo
SHANGHAI BELLING CO., L...
BL8031 BELLING-BL8031 Datasheet
754Kb / 6P
600KHz, 16V, 2A Synchronous Step-Down Converter
logo
Lowpower Semiconductor ...
LP6460A POWER-LP6460A Datasheet
1Mb / 10P
600KHz, 16V/2A Synchronous Step-down Converter
LP6470T POWER-LP6470T Datasheet
1Mb / 10P
600KHz, 16V/2A Synchronous Step-down Converter
logo
Renesas Technology Corp
ISL8274M RENESAS-ISL8274M Datasheet
3Mb / 81P
30A/30A Dual-Channel Digital PMBus Step-Down Power Module
logo
Lowpower Semiconductor ...
LP6480 POWER-LP6480 Datasheet
1Mb / 10P
600KHz, 16V/2A Synchronous Step-down Converter
logo
ACE Technology Co., LTD...
ACE7316LA ACE-ACE7316LA Datasheet
560Kb / 6P
500KHz, 16V, 3A Synchronous Step-Down Converter
VER 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com