Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD4081BBCZ Datasheet(PDF) 37 Page - Analog Devices

Part # AD4081BBCZ
Description  20-Bit, 20 MSPS, Differential SAR ADC
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4081BBCZ Datasheet(HTML) 37 Page - Analog Devices

Back Button AD4081BBCZ Datasheet HTML 33Page - Analog Devices AD4081BBCZ Datasheet HTML 34Page - Analog Devices AD4081BBCZ Datasheet HTML 35Page - Analog Devices AD4081BBCZ Datasheet HTML 36Page - Analog Devices AD4081BBCZ Datasheet HTML 37Page - Analog Devices AD4081BBCZ Datasheet HTML 38Page - Analog Devices AD4081BBCZ Datasheet HTML 39Page - Analog Devices AD4081BBCZ Datasheet HTML 40Page - Analog Devices AD4081BBCZ Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 95 page
background image
Data Sheet
AD4081
DIGITAL INTERFACE
analog.com
Rev. 0 | 37 of 95
Figure 58. Generic Byte Wide Memory, Multibyte Register Example
As indicated in Figure 59, the address counter, by default, automat-
ically decrements (ADDR_ASCENSION = 0) such that the most
significant byte of the multibyte register is accessed first, followed
by the remaining byte(s) in that register in ascending order. Con-
versely, if ADDR_ASCENSION = 1, the least significant byte of the
multibyte register is accessed first followed by most significant byte.
As an extension of this concept, when STRICT_REGISTER_AC-
CESS = 1, any SPI frame that accesses a multibyte register as
the first entity in the data transfer must correctly set the starting
address in the instruction word to correspond to the ADDR_AS-
CENSION selection. In the case that the address counter automat-
ically decrements (ADDR_ASCENSION = 0), the starting address
is assigned to the register address for the least significant byte of
that multibyte register, and conversely, if configured to increment
automatically, the starting address must be set to the register
address for the most significant byte. As a result of the change
to ADDR_ASCENSION from automatic address decrement (0) to
automatic increment (1), Figure 56 and Figure 57 will change as
illustrated in Figure 59 and Figure 60 to accommodate the changes
in data phase byte order and instruction phase multibyte register
start address.
Figure 59. Single Instruction Format, ADDR_ASCENSION = 0 (Descend), STRICT_REGISTER_ACCESS = 1 (Enabled)
Figure 60. Single Instruction Format, ADDR_ASCENSION = 1 (Increment), STRICT_REGISTER_ACCESS = 1 (Enabled)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com