Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD4081BBCZ Datasheet(PDF) 40 Page - Analog Devices

Part # AD4081BBCZ
Description  20-Bit, 20 MSPS, Differential SAR ADC
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4081BBCZ Datasheet(HTML) 40 Page - Analog Devices

Back Button AD4081BBCZ Datasheet HTML 36Page - Analog Devices AD4081BBCZ Datasheet HTML 37Page - Analog Devices AD4081BBCZ Datasheet HTML 38Page - Analog Devices AD4081BBCZ Datasheet HTML 39Page - Analog Devices AD4081BBCZ Datasheet HTML 40Page - Analog Devices AD4081BBCZ Datasheet HTML 41Page - Analog Devices AD4081BBCZ Datasheet HTML 42Page - Analog Devices AD4081BBCZ Datasheet HTML 43Page - Analog Devices AD4081BBCZ Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 95 page
background image
Data Sheet
AD4081
DIGITAL INTERFACE
analog.com
Rev. 0 | 40 of 95
Status A register using a valid checksum for the read transaction. If
enabled, the register contents for the CRC_ENABLE and CRC_EN-
ABLEB bits must be 1 and 10, respectively, and the CRC_ERR bit
in the Interface Status A register remains cleared (Logic 0). Once
confirmed, proceed with programming the remaining configuration
registers.
Table 18. Host Controller (SDI) Conditional Checksum Requirement
Summary
Command SINGLE_INST Bit Value
Check Sum Requirement
Write
Streaming (0) or single
instruction (1)
After each data register payload
Read
Streaming (0)
After the first register data payload
following the instruction phase
Single instruction (1)
After each data register payload
The following CRC-8 polynomial is implemented in the AD4081 to
compute the checksum for each register transaction:
x8 + x2 + x + 1
Each serial transaction is processed through this polynomial to
generate the checksum on a per register basis. The data and seed
values used for each checksum calculation are a function of the ac-
cess command (read/write); ADDR_ASCENSION, STRICT_REG-
ISTER_ACCESS, and SINGLE_INST settings; and the location of
the register data in the data stream as summarized in Table 19.
All register write access operations, regardless of SINGLE_INST
setting, require a valid CRC checksum to be sent from the host
following the data payload for each register. For multibyte registers,
if STRICT_REGISTER_ACCESS = 1, a valid CRC is appended to
the data stream after all bytes of the addressed register are sent.
If STRICT_REGISTER_ACCESS is cleared (0), each byte transmit-
ted must be followed by a valid checksum using the computation
rules that are described as follows.
For read access, the computation and transmission of a valid
checksum from the host is required to validate the command and
starting address only. In streaming mode (SINGLE_INST = 0),
a CRC checksum is sent from the host controller after the first
register data payload only. Fill all subsequent register accesses
in streaming mode with padding data. The AD4081 continues to
produce valid checksum values after each register read to allow
validation in the host using the preceding data. As a new instruction
phase is required for each register accessed in single instruction
mode, a valid host CRC checksum is required for each register
accessed.
In single instruction mode (SINGLE_INST = 1), the polynomial
is computed for each register using the default seed value of
0xA5, the instruction phase data, and depending on the access
command, the desired register or padding data. In streaming mode
(SINGLE_INST = 0), the checksum computation for the first register
in the data stream is computed as if single instruction mode were
selected. Each subsequent register access checksum computation
is seeded with the starting address for the current register and the
corresponding data. Note that the starting address for multibyte reg-
isters changes with the ADDR_ASCENSION selection, assuming
the register access restriction is enabled (STRICT_REGISTER_AC-
CESS = 1). As previously described, the memory convention dic-
tates that if ADDR_ASCENSION is set to 0, the address for the
least significant byte of the multibyte register serves as the starting
address. Conversely, if the ADDR_ASCENSION bit is set to 1, the
address of the most significant byte of the multibyte register is
used.
Table 19. Configuration CRC Checksum Source Data Summary vs. SINGLE_INST and SPI Command
Command
Checksum
Source
Single Instruction Mode (SINGLE_INST = 1) or
Streaming Mode First CRC
Streaming Mode (SINGLE_INST = 0) after first CRC
Data Source
Seed
Data Source
Seed
Write
Controller
Instruction and data
0xA5
Register data
Current start address
AD4081
Instruction and data
Register data
Current start address
Read
Controller
Instruction and padding data
0xA5
Not required, send padding data
AD4081
Instruction and register content
Register data
Current start address
Figure 61. Streaming Mode Configuration with CRC Enabled, ADDR_ASCENSION = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com