Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD4081BBCZ Datasheet(PDF) 95 Page - Analog Devices

Part # AD4081BBCZ
Description  20-Bit, 20 MSPS, Differential SAR ADC
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4081BBCZ Datasheet(HTML) 95 Page - Analog Devices

Back Button AD4081BBCZ Datasheet HTML 87Page - Analog Devices AD4081BBCZ Datasheet HTML 88Page - Analog Devices AD4081BBCZ Datasheet HTML 89Page - Analog Devices AD4081BBCZ Datasheet HTML 90Page - Analog Devices AD4081BBCZ Datasheet HTML 91Page - Analog Devices AD4081BBCZ Datasheet HTML 92Page - Analog Devices AD4081BBCZ Datasheet HTML 93Page - Analog Devices AD4081BBCZ Datasheet HTML 94Page - Analog Devices AD4081BBCZ Datasheet HTML 95Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 95 / 95 page
background image
Data Sheet
AD4081
OUTLINE DIMENSIONS
©2025 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
One Analog Way, Wilmington, MA 01887-2356, U.S.A.
Rev. 0 | 95 of 95
Package Drawing (Option)
Package Type
Package Description
BC-49-8
CSP BGA (Chip Scale)
49-Ball Chip Scale Package Ball Grid Array
For the latest package outline information and land patterns (footprints), go to Package Index.
ORDERING GUIDE
Model1
Temperature Range
Package Description
Packing Quantity
Package Option
AD4081BBCZ
−40°C to +85°C
29-Ball Chip Scale Package Ball Grid Array
(CSP_BGA)
Tray, 640
BC-49-8
AD4081BBCZ-RL
−40°C to +85°C
29-Ball Chip Scale Package Ball Grid Array
(CSP_BGA)
Reel, 4000
BC-49-8
AD4081BBCZ-RL7
−40°C to +85°C
29-Ball Chip Scale Package Ball Grid Array
(CSP_BGA)
Reel, 1000
BC-49-8
1 Z = RoHS Compliant Part.
Updated: February 29, 2024
EVALUATION BOARDS
Model1
Description
EVAL-AD4080-FMCZ
FMC Evaluation Board
EVAL-AD4080-ARDZ
ARD Evaluation Board
1 Z = RoHS-Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com