Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD4081BBCZ Datasheet(PDF) 59 Page - Analog Devices

Part # AD4081BBCZ
Description  20-Bit, 20 MSPS, Differential SAR ADC
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4081BBCZ Datasheet(HTML) 59 Page - Analog Devices

Back Button AD4081BBCZ Datasheet HTML 55Page - Analog Devices AD4081BBCZ Datasheet HTML 56Page - Analog Devices AD4081BBCZ Datasheet HTML 57Page - Analog Devices AD4081BBCZ Datasheet HTML 58Page - Analog Devices AD4081BBCZ Datasheet HTML 59Page - Analog Devices AD4081BBCZ Datasheet HTML 60Page - Analog Devices AD4081BBCZ Datasheet HTML 61Page - Analog Devices AD4081BBCZ Datasheet HTML 62Page - Analog Devices AD4081BBCZ Datasheet HTML 63Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 95 page
background image
Data Sheet
AD4081
DIGITAL FEATURES
analog.com
Rev. 0 | 59 of 95
Asynchronous Read Access
Access to the FIFO data is made through either a LVDS configu-
ration (single lane only) or the multi-output SPI configuration of
the data interface after the capture has completed. As a result,
access is asynchronous to the capture process, and there are no
specific timing restrictions between the conversion and interface
clocks. Synchronization between the data FIFO and the data
interface clock domain requires each read access to begin with
a header followed by a transfer of M bytes of conversion data;
where M equals the product of the total number of results specified
in the FIFO_WATERMARK register (Address 0x1D and Address
0x1E) and the integer length in bytes (for SPI data interface) of a
single conversion result. Note that the number of active data lanes
reduces the access period by a factor of 2 for each doubling of the
number of active lanes.
Figure 88. Asynchronous Capture Read Timing, Data FIFO Enabled, Single Data Lane
Figure 89. Asynchronous Capture Read Timing, Data FIFO Enabled, Quad Data Lane Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com