Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADA4356ABCZ Datasheet(PDF) 31 Page - Analog Devices

Part # ADA4356ABCZ
Description  Programmable Transimpedance, Current to Bits Receiver μModule
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4356ABCZ Datasheet(HTML) 31 Page - Analog Devices

Back Button ADA4356ABCZ Datasheet HTML 27Page - Analog Devices ADA4356ABCZ Datasheet HTML 28Page - Analog Devices ADA4356ABCZ Datasheet HTML 29Page - Analog Devices ADA4356ABCZ Datasheet HTML 30Page - Analog Devices ADA4356ABCZ Datasheet HTML 31Page - Analog Devices ADA4356ABCZ Datasheet HTML 32Page - Analog Devices ADA4356ABCZ Datasheet HTML 33Page - Analog Devices ADA4356ABCZ Datasheet HTML 34Page - Analog Devices ADA4356ABCZ Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 61 page
background image
Data Sheet
ADA4356
analog.com
Rev. 0
31 of 61
Figure 67. System Offset Distribution, TZ = 133kΩ
Figure 68. System Offset Drift Distribution, TZ = 133kΩ
Figure 69. ADC Internal Reference Voltage (VREF)
Distribution
Figure 70. ADC Internal VREF Drift Distribution
Figure 71. ADC Input Voltage vs. Input Current, TZ = 4.54kΩ
Figure 72. ADC Input Voltage vs. Input Current, TZ = 11kΩ
N = 214 UNITS
µ = 818.31mV
σ = 11.48mV
SYSTEM OFFSET (mV)
760
770
780
790
800
810
820
830
840
850
860
0
5
10
15
20
25
30
35
N = 214 UNITS
µ = –67.39µV/°C
σ = 110.27µV/°C
SYSTEM OFFSET DRIFT (µV/°C)
–480
–360
–240
–120
0
120
240
360
0
5
10
15
20
25
30
N = 214 UNITS
µ = 0.995V
σ = 1.3mV
VREF (V)
0.990
0.992
0.994
0.996
0.998
1.000
1.002
0
5
10
15
20
25
30
35
N = 214 UNITS
µ = 42.65µV/°C
σ = 4.17µV/°C
VREF DRIFT (µV/°C)
24
28
32
36
40
44
48
52
56
60
64
0
5
10
15
20
25
30
35
40
45
TIA SATURATED
@ IIN = 362.5µA
ADC SATURATED
@ IIN = –38.2µA
INPUT CURRENT (µA)
–150
–75
0
75
150
225
300
375
450
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
1.2
TIA SATURATED
@ IIN = 149.6µA
ADC SATURATED
@ IIN = –15.8µA
INPUT CURRENT (µA)
–60
–30
0
30
60
90
120
150
180
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
1.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com