Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADA4356ABCZ Datasheet(PDF) 36 Page - Analog Devices

Part # ADA4356ABCZ
Description  Programmable Transimpedance, Current to Bits Receiver μModule
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4356ABCZ Datasheet(HTML) 36 Page - Analog Devices

Back Button ADA4356ABCZ Datasheet HTML 32Page - Analog Devices ADA4356ABCZ Datasheet HTML 33Page - Analog Devices ADA4356ABCZ Datasheet HTML 34Page - Analog Devices ADA4356ABCZ Datasheet HTML 35Page - Analog Devices ADA4356ABCZ Datasheet HTML 36Page - Analog Devices ADA4356ABCZ Datasheet HTML 37Page - Analog Devices ADA4356ABCZ Datasheet HTML 38Page - Analog Devices ADA4356ABCZ Datasheet HTML 39Page - Analog Devices ADA4356ABCZ Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 61 page
background image
Data Sheet
ADA4356
analog.com
Rev. 0
36 of 61
Current Divider Circuit
For the applications with a maximum source current that exceeds the above ranges, additional external circuitry is
required to linearly divide the TIA input current down to fit within the ADA4356’s linear input range.
This current division is not possible with a simple two-resistor current divider to ground, because the TIA input of
the ADA4356 must stay biased at a DC voltage of 1.65V. Thus, a circuit is required that can linearly divide down the
input current while also maintaining the TIA input DC bias voltage. Ideally, this circuit can also be switched into/out
of the main TIA input path in response to dynamic source current levels.
One such circuit is shown in Figure 81. It consists of:
1. C1, capacitor to shunt fast-moving currents to ground.
2. A1, unity-gain voltage buffer to maintain 1.65V at V1, to match the bias voltage at INPUT.
3. S1, switch to connect/disconnect this circuit from the main TIA input path,
4.
R1 and R2, resistor divider network between the photodiode output and the TIA input of the ADA4356.
Figure 81. External High-Speed Current Divider Circuit
When switch S1 is open, all the photodiode’s source current (IPD) enters the TIA at ball INPUT (E1).
When switch S1 is closed, IPD splits into two portions, I1 and I2, according to the ratio of R1 and R2.
Assuming an ideal switch S1, ideal voltage buffer A1, and that TIAREF and INPUT are at the same potential (1.65V), the
portion of IPD current going into the INPUT of the ADA4356 (I2) is given by the following equation:
I2 =
R1
R1 + R2
×
IPD
The other portion of the divided-down input current (I1) is shunted away via the divider path shown in Figure 81.
AC Ground V1
In high-speed applications, the input photodiode current pulse IPD may be too fast for any active device to absorb
current I1. To shunt large currents quickly, a large capacitor C1 is connected from node V1 to ground to create an AC
ground with a DC bias of 1.65V.
After C1 absorbs the I1 portion of IPD, the DC bias at V1 is perturbed, as shown in the LTspice simulation curves in
Figure 82. Buffer A1 corrects the perturbation by rapidly bringing node V1 back to 1.65V to keep INPUT and TIAREF at
the same DC voltage.
The more zoomed-out simulated transient curves in Figure 83 show multiple input current pulses on IPD, and the
resulting settling behavior of the AC ground at node V1 as A1 brings it back to 1.65V exactly.
INPUT
TIAREF
TIA
OUTPUT
4.7kΩ
2kΩ
1.65V
REF
S1
PD
R1
I1
I2
IPD
R2
CURRENT DIVIDER
A1
C1
V1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com