Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP411CD Datasheet(PDF) 29 Page - Texas Instruments

Part # TMP411CD
Description  TMP411 ±1°C and TMP411D ±0.8°C Remote and Local Temperature Sensor With N-Factor and Series Resistance Correction
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP411CD Datasheet(HTML) 29 Page - Texas Instruments

Back Button TMP411CD Datasheet HTML 25Page - Texas Instruments TMP411CD Datasheet HTML 26Page - Texas Instruments TMP411CD Datasheet HTML 27Page - Texas Instruments TMP411CD Datasheet HTML 28Page - Texas Instruments TMP411CD Datasheet HTML 29Page - Texas Instruments TMP411CD Datasheet HTML 30Page - Texas Instruments TMP411CD Datasheet HTML 31Page - Texas Instruments TMP411CD Datasheet HTML 32Page - Texas Instruments TMP411CD Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 61 page
background image
7.5.6 Timeout Function
When bit 7 of the Consecutive Alert Register is set high, the TMP411/TMP411D timeout function is enabled.
The TMP411/TMP411D device resets the serial interface if the SCL or SDA lines are held low for 30ms (typical)
between a START and STOP condition. If the TMP411/TMP411D device is holding the bus low, the device
releases the bus and waits for a START condition. Maintaining a communication speed of at least 1kHz for the
SCL operating frequency is necessary to avoid activating the timeout function. The default state of the timeout
function is enabled (bit 7 = high).
7.5.7 High-Speed Mode
For the two-wire bus to operate at frequencies above 400kHz, the controller device must issue a high-speed
mode (Hs-mode) controller code (00001XXX) as the first byte after a START condition to switch the bus to
high-speed operation. The TMP411/TMP411D device does not acknowledge this byte, but switches the input
filters on the SDA and SCL lines, switches the output filter on SDA to operate in Hs-mode, which allows transfers
at up to 3.4MHz. After the Hs-mode controller code is issued, the controller transmits a two-wire target address
to initiate a data transfer operation. The bus operates in high-speed mode until a STOP condition occurs on the
bus. The TMP411/TMP411D switches the input and output filter after receiving the STOP condition.
7.5.8 General Call Reset
The TMP411/TMP411D device supports reset through the two-wire general call address 00h (0000 0000b).
The TMP411/TMP411D device reads the general call address and responds to the second byte. If the second
byte is 06h (0000 0110b), the TMP411/TMP411D executes a software reset. The software reset restores the
power-on-reset state to all TMP411/TMP411D registers, aborts any conversion in progress, and clears the
ALERT and THERM pins. The TMP411/TMP411D does not respond to other values in the second byte.
7.5.9 Software Reset
The TMP411/TMP411D resets by writing any value to Pointer Register FCh. This restores the power-on-reset
state to all of the TMP411/TMP411D registers, aborts any conversion in process, and clears the ALERT and
THERM pins.
7.5.10 SMBus Alert Function
The TMP411/TMP411D device supports the SMBus alert function. When pin 6 is configured as an alert output,
the ALERT pin of the TMP411/TMP411D can connect as an SMBus alert signal. When a controller detects an
alert condition on the ALERT line, the controller sends an SMBus alert command (00011001) on the bus. If the
ALERT pin of the TMP411/TMP411D is active, the device acknowledges the SMBus alert command and returns
the target address on the SDA line. The eighth bit of the target address byte indicates if the high limit or low
limit temperature settings caused the alert condition. The bit is high if the temperature is greater than one of the
temperature high limit settings; the bit is low if the temperature is less than or equal to one of the temperature
low limit settings. See Figure 7-8 for details of this sequence.
If multiple devices on the bus respond to the SMBus alert command, arbitration during the target address portion
of the SMBus alert command determines which device clears the alert status. If the TMP411/TMP411D wins the
arbitration, the ALERT pin inactivates when the SMBus alert command is complete. If the TMP411/TMP411D
device loses the arbitration, the ALERT pin remains active.
www.ti.com
TMP411, TMP411D
SBOS383E – DECEMBER 2006 – REVISED JULY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: TMP411 TMP411D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com