Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP411CD Datasheet(PDF) 37 Page - Texas Instruments

Part # TMP411CD
Description  TMP411 ±1°C and TMP411D ±0.8°C Remote and Local Temperature Sensor With N-Factor and Series Resistance Correction
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP411CD Datasheet(HTML) 37 Page - Texas Instruments

Back Button TMP411CD Datasheet HTML 33Page - Texas Instruments TMP411CD Datasheet HTML 34Page - Texas Instruments TMP411CD Datasheet HTML 35Page - Texas Instruments TMP411CD Datasheet HTML 36Page - Texas Instruments TMP411CD Datasheet HTML 37Page - Texas Instruments TMP411CD Datasheet HTML 38Page - Texas Instruments TMP411CD Datasheet HTML 39Page - Texas Instruments TMP411CD Datasheet HTML 40Page - Texas Instruments TMP411CD Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 61 page
background image
Table 8-6. N-Factor Range
NADJUST
N
BINARY
HEX
DECIMAL
01111111
7F
127
1.747977
00001010
0A
10
1.042759
00001000
08
8
1.035616
00000110
06
6
1.028571
00000100
04
4
1.021622
00000010
02
2
1.014765
00000001
01
1
1.011371
00000000
00
0
1.008
11111111
FF
–1
1.004651
11111110
FE
–2
1.001325
11111100
FC
–4
0.994737
11111010
FA
–6
0.988235
11111000
F8
–8
0.981818
11110110
F6
–10
0.975484
10000000
80
–128
0.706542
8.10 Minimum and Maximum Registers
The TMP411/TMP411D stores the measured minimum and maximum temperatures since power-on, chip-reset,
or minimum and maximum register reset for the local and remote channels. The Local Temperature Minimum
Register is read with the high byte from pointer address 30h, and the low byte is read from pointer address 31h.
The Local Temperature Minimum Register is read with a two-byte read command from pointer address 30h. The
Local Temperature Minimum Register resets at power-on by executing the chip-reset command, or by writing
any value to any of the pointer addresses 30h through 37h. The reset value for these registers is FFh and F0h.
The Local Temperature Maximum Register is read with the high byte from pointer address 32h, and the low
byte is read from pointer address 33h. The Local Temperature Maximum Register is read with a two-byte read
command from pointer address 32h. The Local Temperature Maximum Register resets at power-on by executing
the chip reset command, or by writing any value to any of the pointer addresses 30h through 37h. The reset
value for these registers is 00h and 00h.
The Remote Temperature Minimum Register is read with the high byte from pointer address 34h, and the low
byte is read from pointer address 35h. The Remote Temperature Minimum Register is read with a two-byte
read command from pointer address 34h. The Remote Temperature Minimum Register resets at power-on by
executing the chip reset command, or by writing any value to any of the pointer addresses 30h through 37h. The
reset value for these registers is FFh and F0h.
The Remote Temperature Maximum Register is read with the high byte from pointer address 36h and the low
byte is read from pointer address 37h. The Remote Temperature Maximum Register is read with a two-byte
read command from pointer address 36h. The Remote Temperature Maximum Register resets at power-on by
executing the chip reset command, or by writing any value to any of the pointer addresses 30h through 37h. The
reset value for these registers is 00h and 00h.
www.ti.com
TMP411, TMP411D
SBOS383E – DECEMBER 2006 – REVISED JULY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
37
Product Folder Links: TMP411 TMP411D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com