Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMUX7436F Datasheet(PDF) 3 Page - Texas Instruments

Part # TMUX7436F
Description  TMUX7436F ±60 V Fault-Protected, Dual 2:1 Multiplexer With Latch-Up Immunity and 1.8 V Logic
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX7436F Datasheet(HTML) 3 Page - Texas Instruments

  TMUX7436F Datasheet HTML 1Page - Texas Instruments TMUX7436F Datasheet HTML 2Page - Texas Instruments TMUX7436F Datasheet HTML 3Page - Texas Instruments TMUX7436F Datasheet HTML 4Page - Texas Instruments TMUX7436F Datasheet HTML 5Page - Texas Instruments TMUX7436F Datasheet HTML 6Page - Texas Instruments TMUX7436F Datasheet HTML 7Page - Texas Instruments TMUX7436F Datasheet HTML 8Page - Texas Instruments TMUX7436F Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 50 page
background image
5 Pin Configuration and Functions
1
SEL1
16
SF
2
S1A
15
FF
3
D1
14
EN
4
S1B
13
VDD
5
VSS
12
S2B
6
GND
11
D2
7
NC
10
S2A
8
DR
9
SEL2
Not to scale
Figure 5-1. PW Package,
16-Pin TSSOP (Top View)
1
D1
12
EN
2
S1B
11
VDD
3
VSS
10
S2B
4
GND
9
D2
Not to scale
Thermal
Pad
Figure 5-2. RRP (Preview) Package,
16-Pin WQFN (Top View)
Table 5-1. Pin Functions
PIN
TYPE(1)
DESCRIPTION
NAME
TSSOP
WQFN(2)
D1
3
1
I/O
Drain pin 1. Can be an input or output. The drain pin is not overvoltage protected.
D2
11
9
I/O
Drain pin 2. Can be an input or output. The drain pin is not overvoltage protected.
DR
8
5
I
Drain Response (DR) input. Tying the DR pin to GND enables the drain to be pulled to VDD or
VSS through a 40 kΩ resistor during an overvoltage fault event. The drain pin becomes open
circuit when the DR pin is a logic high or left floating.
EN
14
12
I
Active high logic enable (EN) pin, has internal 4 MΩ pull-down resistor. The device is disabled
and all switches become high impedance when the pin is low. As provided in Table 8-1, when
the pin is high, the SELx logic inputs determine individual switch states.
FF
15
13
O
General fault flag. This pin is an open drain output and is asserted low when overvoltage
condition is detected on any of the source (Sxy) input pins. Connect this pin to an external
supply (1.8 V to 5.5 V) through a 1 kΩ pull-up resistor.
GND
6
4
P
Ground (0 V) reference
N.C.
7
7
—
No internal connection. This pin can be shorted to GND or left floating.
S1A
2
16
I/O
Overvoltage protected source pin 1A. Can be an input or output.
S1B
4
2
I/O
Overvoltage protected source pin 1B. Can be an input or output.
S2A
10
8
I/O
Overvoltage protected source pin 2A. Can be an input or output.
S2B
12
10
I/O
Overvoltage protected source pin 2B. Can be an input or output.
SEL1
1
15
I
Logic control input 1.
SEL2
9
6
I
Logic control input 2.
SF
16
14
O
Specific fault flag. This pin is an open drain output and is asserted low when an overvoltage
condition is detected on a specific (Sxy) input pin, depending on the state of the SELx pins, as
provided in Table 8-1. Connect this pin to an external supply (1.8 V to 5.5 V) through a 1 kΩ
pull-up resistor.
VDD
13
11
P
Positive power supply. This pin is the most positive power-supply potential. Connect a
decoupling capacitor ranging from 0.1 µF to 10 µF between VDD and GND for reliable
operation.
VSS
5
3
P
Negative power supply. This pin is the most negative power-supply potential. This pin can be
connected to ground in single-supply applications. Connect a decoupling capacitor ranging
from 0.1 µF to 10 µF between VSS and GND for reliable operation.
Thermal Pad
—
The thermal pad is not connected internally. It is recommended to tie the pad to GND or VSS
for best performance.
(1)
I = input, O = output, I/O = input and output, P = power.
(2)
Preview package.
www.ti.com
TMUX7436F
SCDS459A – OCTOBER 2022 – REVISED NOVEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TMUX7436F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com