Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMUX7436F Datasheet(PDF) 5 Page - Texas Instruments

Part # TMUX7436F
Description  TMUX7436F ±60 V Fault-Protected, Dual 2:1 Multiplexer With Latch-Up Immunity and 1.8 V Logic
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX7436F Datasheet(HTML) 5 Page - Texas Instruments

  TMUX7436F Datasheet HTML 1Page - Texas Instruments TMUX7436F Datasheet HTML 2Page - Texas Instruments TMUX7436F Datasheet HTML 3Page - Texas Instruments TMUX7436F Datasheet HTML 4Page - Texas Instruments TMUX7436F Datasheet HTML 5Page - Texas Instruments TMUX7436F Datasheet HTML 6Page - Texas Instruments TMUX7436F Datasheet HTML 7Page - Texas Instruments TMUX7436F Datasheet HTML 8Page - Texas Instruments TMUX7436F Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 50 page
background image
6.3 Thermal Information
THERMAL METRIC(1)
TMUX7436F
UNIT
PW (TSSOP)
RRP (WQFN)
16 PINS
16 PINS
RθJA
Junction-to-ambient thermal resistance
100.4
TBD
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
31.3
TBD
°C/W
RθJB
Junction-to-board thermal resistance
46.4
TBD
°C/W
ΨJT
Junction-to-top characterization parameter
1.7
TBD
°C/W
ΨJB
Junction-to-board characterization parameter
45.8
TBD
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
TBD
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.4 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX UNIT
VDD – VSS (1)
Power supply voltage differential
8
44
V
VDD
Positive power supply voltage
5
44
VS
Source pin (Sx) voltage (non-fault condition)
VSS
VDD
V
VS to GND
Source pin (Sx) voltage to GND (fault condition)
–60
60
VS to VDD (2)
Source pin (Sx) voltage to VDD or VD (fault condition)
–85
VS to VSS (2)
Source pin (Sx) voltage to VSS or VD (fault condition)
85
VD
Drain pin (Dx) voltage
VSS
VDD
VLOGIC
Logic control input pin voltage (EN, SELx, DR)
GND
44
V
VxF (3)
Logic output pin voltage (FF, SF)
GND
5.5
TA
Ambient temperature
–40
125
°C
IDC
Continuous current through switch operating 1 channel,
TSSOP package
TA = 25°C
115
mA
TA = 85°C
115
mA
TA = 125°C
85
mA
IDC
Continuous current through switch operating max number of
channels at the same time, TSSOP package
TA = 25°C
115
mA
TA = 85°C
115
mA
TA = 125°C
60
mA
(1)
VDD and VSS can be any value as long as 8 V ≤ (VDD – VSS) ≤ 44 V, and the minimum VDD is met.
(2)
Source pin voltage (Sx) under a fault condition may not exceed 85 V from supply pins (VDD and VSS.) or drain pins (D, Dx).
(3)
Logic output pin (FF) is an open drain output and should be pulled up to a voltage within the maximum ratings.
www.ti.com
TMUX7436F
SCDS459A – OCTOBER 2022 – REVISED NOVEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: TMUX7436F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com