Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA2016D2 Datasheet(PDF) 21 Page - Texas Instruments

Part # TPA2016D2
Description  TPA2016D2 2.8-W/Ch Stereo Class-D Audio Amplifier With Dynamic Range Compression and Automatic Gain Control
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPA2016D2 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPA2016D2 Datasheet HTML 17Page - Texas Instruments TPA2016D2 Datasheet HTML 18Page - Texas Instruments TPA2016D2 Datasheet HTML 19Page - Texas Instruments TPA2016D2 Datasheet HTML 20Page - Texas Instruments TPA2016D2 Datasheet HTML 21Page - Texas Instruments TPA2016D2 Datasheet HTML 22Page - Texas Instruments TPA2016D2 Datasheet HTML 23Page - Texas Instruments TPA2016D2 Datasheet HTML 24Page - Texas Instruments TPA2016D2 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 51 page
background image
21
TPA2016D2
www.ti.com
SLOS524E – JUNE 2008 – REVISED MAY 2016
Product Folder Links: TPA2016D2
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
9.4 Device Functional Modes
9.4.1 TPA2016D2 AGC Operation
The TPA2016D2 is controlled by the I2C interface. The correct start-up sequence is:
1. Apply the supply voltage to the AVDD and PVDD (L, R) pins.
2. Apply a voltage above VIH to the SDZ pin. The TPA2016D2 powers up the I
2C interface and the control logic.
By default, the device is in active mode (SWS = 0). After a few milliseconds the amplifier will enable the
class-D output stage and become fully operational.
3. The amplifier starts at a gain of 0 dB and the AGC starts ramping the gain after the input signal exceeds the
noise gate threshold.
CAUTION
Do not interrupt the start-up sequence after changing SDZ from VIL to VIH.
Do not interrupt the start-up sequence after changing SWS from 1 to 0.
The default conditions of TPA2016D2 allows audio playback without I2C control. See Table 4 for entire default
conditions.
There are several options to disable the amplifier:
•
Write SPK_EN_R = 0 and SPK_EN_L = 0 to the register (0x01, 6 and 0x01, 7). This write disables each
speaker amplifier, but leaves all other circuits operating.
•
Write SWS = 1 to the register (0x01, 5). This action disables most of the amplifier functions.
•
Apply VIL to SDZ. This action shuts down all the circuits and has very low quiescent current consumption.
This action resets the registers to its default values.
CAUTION
Do not interrupt the shutdown sequence after changing SDZ from VIH to VIL.
Do not interrupt the shutdown sequence after changing SWS from 0 to 1.
9.4.2 TPA2016D2 AGC Recommended Settings
Table 2. Recommended AGC Settings for Different Types of Audio Source (VDD = 3.6 V)
AUDIO
SOURCE
COMPRESSION
RATIO
ATTACK TIME
(ms/6 dB)
RELEASE TIME
(ms/6 dB)
HOLD TIME
(ms)
FIXED GAIN
(dB)
LIMITER LEVEL
(dBV)
Pop Music
4:1
1.28 to 3.84
986 to 1640
137
6
7.5
Classical
2:1
2.56
1150
137
6
8
Jazz
2:1
5.12 to 10.2
3288
—
6
8
Rap / Hip Hop
4:1
1.28 to 3.84
1640
—
6
7.5
Rock
2:1
3.84
4110
—
6
8
Voice / News
4:1
2.56
1640
—
6
8.5
9.5 Programming
9.5.1 General I2C Operation
The I2C bus employs two signals, SDA (data) and SCL (clock), to communicate between integrated circuits in a
system. The bus transfers data serially one bit at a time. The address and data 8-bit bytes are transferred most
significant bit (MSB) first. In addition, each byte transferred on the bus is acknowledged by the receiving device
with an acknowledge bit. Each transfer operation begins with the master device driving a start condition on the
bus and ends with the master device driving a stop condition on the bus. The bus uses transitions on the data
terminal (SDA) while the clock is at logic high to indicate start and stop conditions. A high-to-low transition on



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com