Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA2016D2 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPA2016D2
Description  TPA2016D2 2.8-W/Ch Stereo Class-D Audio Amplifier With Dynamic Range Compression and Automatic Gain Control
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPA2016D2 Datasheet(HTML) 1 Page - Texas Instruments

  TPA2016D2 Datasheet HTML 1Page - Texas Instruments TPA2016D2 Datasheet HTML 2Page - Texas Instruments TPA2016D2 Datasheet HTML 3Page - Texas Instruments TPA2016D2 Datasheet HTML 4Page - Texas Instruments TPA2016D2 Datasheet HTML 5Page - Texas Instruments TPA2016D2 Datasheet HTML 6Page - Texas Instruments TPA2016D2 Datasheet HTML 7Page - Texas Instruments TPA2016D2 Datasheet HTML 8Page - Texas Instruments TPA2016D2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 51 page
background image
AVDD
INL–
INL+
AGND
PGND
OUTL+
OUTL–
PVDDR
10 F
m
To Battery
SDA
INR–
INR+
C
1 F
IN
m
OUTR+
OUTR–
SCL
SDZ
I C Clock
2
I C Data
2
Master Shutdown
TPA2016D2
Digital
Baseband
Analog
Baseband
or
Codec
PVDDL
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TPA2016D2
SLOS524E – JUNE 2008 – REVISED MAY 2016
TPA2016D2 2.8-W/Ch Stereo Class-D Audio Amplifier With Dynamic Range Compression
and Automatic Gain Control
1
1 Features
1
•
Filter-Free Class-D Architecture
•
1.7 W/Ch Into 8
Ω at 5 V (10% THD+N)
•
750 mW/Ch Into 8
Ω at 3.6 V (10% THD+N)
•
2.8 W/Ch Into 4
Ω at 5 V (10% THD+N)
•
1.5 W/Ch Into 4
Ω at 3.6 V (10% THD+N)
•
Power Supply Range: 2.5 V to 5.5 V
•
Flexible Operation With or Without I2C
•
Programmable DRC and AGC Parameters
•
Digital I2C Volume Control
•
Selectable Gain from –28 dB to 30 dB in 1-dB
Steps (When Compression is Used)
•
Selectable Attack, Release, and Hold Times
•
4 Selectable Compression Ratios
•
Low Supply Current: 3.5 mA
•
Low Shutdown Current: 0.2
μA
•
High PSRR: 80 dB
•
Fast Start-Up Time: 5 ms
•
AGC Enable or Disable Function
•
Limiter Enable or Disable Function
•
Short-Circuit and Thermal Protection
•
Space-Saving Package
–
2.2 mm × 2.2 mm Nano-Free™ DSBGA (YZH)
2 Applications
•
Wireless or Cellular Handsets and PDAs
•
Portable Navigation Devices
•
Portable DVD Players
•
Notebook PCs
•
Portable Radios
•
Portable Games
•
Educational Toys
•
USB Speakers
3 Description
The TPA2016D2 device is a stereo, filter-free Class-D
audio power amplifier with volume control, dynamic
range
compression
(DRC),
and
automatic
gain
control (AGC). It is available in a 2.2 mm × 2.2 mm
DSBGA package and 20-pin QFN package.
The DRC and AGC function in the TPA2016D2 is
programmable through a digital I2C interface. The
DRC and AGC function can be configured to
automatically prevent distortion of the audio signal
and enhance quiet passages that are normally not
heard. The DRC and AGC can also be configured to
protect the speaker from damage at high power
levels and compress the dynamic range of music to fit
within the dynamic range of the speaker. The gain
can be selected from –28 dB to +30 dB in 1-dB steps.
The TPA2016D2 is capable of driving 1.7 W/Ch at 5
V or 750 mW/Ch at 3.6 V into 8-
Ω load or 2.8 W/Ch
at 5 V or 1.5 W/Ch at 3.6 V into 4-
Ω load. The device
features independent software shutdown controls for
each channel and also provides thermal and short-
circuit protection.
In addition to these features, a fast start-up time and
small package size make the TPA2016D2 an ideal
choice
for
cellular
handsets,
PDAs,
and
other
portable applications.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPA2016D2
DSBGA (16)
2.20 mm × 2.20 mm
QFN (20)
4.00 mm × 4.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Application Diagram


Similar Part No. - TPA2016D2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2016D2 TI-TPA2016D2 Datasheet
986Kb / 35P
1.7-W/Ch Stereo Class-D Audio Amplifier with Dynamic Range Compression and AGC
TPA2016D2 TI1-TPA2016D2 Datasheet
1Mb / 46P
2.8-W/Ch Stereo Class-D Audio Amplifier With Dynamic Range Compression and Automatic Gain Control
TPA2016D2 TI2-TPA2016D2 Datasheet
935Kb / 43P
TPA2026D2 3.2-W/Ch Stereo Class-D Audio Amplifier With Fast Gain Ramp SmartGain™ Automatic Gain Control and Dynamic Range Compression
REVISED MAY 2016
TPA2016D2RGPR TI-TPA2016D2RGPR Datasheet
986Kb / 35P
1.7-W/Ch Stereo Class-D Audio Amplifier with Dynamic Range Compression and AGC
TPA2016D2RGPT TI-TPA2016D2RGPT Datasheet
986Kb / 35P
1.7-W/Ch Stereo Class-D Audio Amplifier with Dynamic Range Compression and AGC
More results

Similar Description - TPA2016D2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA0252 TI-TPA0252 Datasheet
493Kb / 29P
2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA2016D2 TI-TPA2016D2 Datasheet
986Kb / 35P
1.7-W/Ch Stereo Class-D Audio Amplifier with Dynamic Range Compression and AGC
TPA2017D2 TI-TPA2017D2 Datasheet
780Kb / 20P
2.8-W/Ch Stereo Class-D Audio Amplifier with SmartGainTM Dynamic Range Compression and AGC
TPA2016D2RTJR TI1-TPA2016D2RTJR Datasheet
1Mb / 39P
2.8-W/Ch Stereo Class-D Audio Amplifier with Dynamic Range Compression and AGC
TPA0152 TI1-TPA0152_16 Datasheet
967Kb / 36P
2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0162 TI1-TPA0162_16 Datasheet
972Kb / 36P
2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0242 TI1-TPA0242_16 Datasheet
494Kb / 32P
STEREO 2.8-W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL AND MUX CONTROL
TPA2016D2 TI1-TPA2016D2_17 Datasheet
1Mb / 46P
2.8-W/Ch Stereo Class-D Audio Amplifier With Dynamic Range Compression and Automatic Gain Control
logo
Fangtek Ltd.
FT2705 FANGTEK-FT2705 Datasheet
1Mb / 25P
2X10W Class-D Stereo Audio Power Amplifier with Automatic Level Control
logo
Shenzhen Huazhimei Semi...
HM8877 HMSEMI-HM8877 Datasheet
2Mb / 10P
7.4W Class F, with automatic gain control audio amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com