Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA2016D2 Datasheet(PDF) 13 Page - Texas Instruments

Part # TPA2016D2
Description  TPA2016D2 2.8-W/Ch Stereo Class-D Audio Amplifier With Dynamic Range Compression and Automatic Gain Control
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPA2016D2 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPA2016D2 Datasheet HTML 9Page - Texas Instruments TPA2016D2 Datasheet HTML 10Page - Texas Instruments TPA2016D2 Datasheet HTML 11Page - Texas Instruments TPA2016D2 Datasheet HTML 12Page - Texas Instruments TPA2016D2 Datasheet HTML 13Page - Texas Instruments TPA2016D2 Datasheet HTML 14Page - Texas Instruments TPA2016D2 Datasheet HTML 15Page - Texas Instruments TPA2016D2 Datasheet HTML 16Page - Texas Instruments TPA2016D2 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 51 page
background image
Ferrite
ChipBead
Ferrite
ChipBead
1nF
1nF
OUTP
OUTN
13
TPA2016D2
www.ti.com
SLOS524E – JUNE 2008 – REVISED MAY 2016
Product Folder Links: TPA2016D2
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
Feature Description (continued)
Use an LC output filter if there are low-frequency (< 1 MHz), EMI-sensitive circuits or there are long leads from
amplifier to speaker. Figure 26 shows typical ferrite bead and LC output filters.
Figure 26. Typical Ferrite Bead Filter (Chip Bead Example: TDK: MPZ1608S221A)
9.3.3 Short-Circuit Protection
TPA2016D2 goes to low duty cycle mode when a short circuit event happens. In order to go to normal duty cycle
mode again, it is necessary to reset the device, the shutdown mode can be set through the SDZ pin or software
shutdown with the SWS bit. FAULT bit (register 1, bit 3) set to high when short-circuit event happens. It requires
a write to clear.
This feature can protect the device without affecting the device’s long-term reliability.
9.3.4 Automatic Gain Control
The Automatic Gain Control (AGC) feature provides continuous automatic gain adjustment to the amplifier
through an internal PGA. This feature enhances the perceived audio loudness and at the same time prevents
speaker damage from occurring (Limiter function).
The AGC function attempts to maintain the audio signal gain as selected by the user through the Fixed Gain,
Limiter Level, and Compression Ratio variables. Other advanced features included are Maximum Gain and Noise
Gate Threshold. Table 1 describes the function of each variable in the AGC function.
Table 1. TPA2016D2 AGC Variable Descriptions
VARIABLE
DESCRIPTION
Maximum Gain
The gain at the lower end of the compression region.
Fixed Gain
The normal gain of the device when the AGC is inactive.
The fixed gain is also the initial gain when the device comes out of shutdown mode or when the AGC is
disabled.
Limiter Level
The value that sets the maximum allowed output amplitude.
Compression Ratio
The relation between input and output voltage.
Noise Gate Threshold
Below this value, the AGC holds the gain to prevent breathing effects.
Attack Time
The minimum time between two gain decrements.
Release Time
The minimum time between two gain increments.
Hold Time
The time it takes for the very first gain increment after the input signal amplitude decreases.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com