Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA3136D2PWPR Datasheet(PDF) 21 Page - Texas Instruments

Part # TPA3136D2PWPR
Description  TPA3136D2, TPA3136AD2 10-W Inductor Free Stereo (BTL) Class-D Audio Amplifier with Ultra Low EMI
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPA3136D2PWPR Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPA3136D2PWPR Datasheet HTML 17Page - Texas Instruments TPA3136D2PWPR Datasheet HTML 18Page - Texas Instruments TPA3136D2PWPR Datasheet HTML 19Page - Texas Instruments TPA3136D2PWPR Datasheet HTML 20Page - Texas Instruments TPA3136D2PWPR Datasheet HTML 21Page - Texas Instruments TPA3136D2PWPR Datasheet HTML 22Page - Texas Instruments TPA3136D2PWPR Datasheet HTML 23Page - Texas Instruments TPA3136D2PWPR Datasheet HTML 24Page - Texas Instruments TPA3136D2PWPR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
C =
i
1
2
Z f
p
i
c
f
=
c
1
2
Z C
p
i
i
-3dB
fc
Ci
IN
Zi
Zf
Input
Signal
21
TPA3136D2, TPA3136AD2
www.ti.com
SLOS938F – MAY 2016 – REVISED JANUARY 2020
Product Folder Links: TPA3136D2 TPA3136AD2
Submit Documentation Feedback
Copyright © 2016–2020, Texas Instruments Incorporated
Typical Applications (continued)
10.2.2.5 Input Capacitor, Ci
In the typical application, an input capacitor (Ci) is required to allow the amplifier to bias the input signal to the
proper dc level for optimum operation. In this case, Ci and the input impedance of the amplifier (Zi) form a high-
pass filter with the corner frequency determined in Equation 2.
(2)
The value of Ci is important, as it directly affects the bass (low-frequency) performance of the circuit. Consider
the example where Zi is 30 kΩ and the specification calls for a flat bass response down to 20 Hz. Equation 2 is
reconfigured as Equation 3.
(3)
In this example, Ci is 0.27 µF; so, one would likely choose a value of 0.33 μF as this value is commonly used. A
further consideration for this capacitor is the leakage path from the input source through the input network (Ci)
and the feedback network to the load. This leakage current creates a dc offset voltage at the input to the
amplifier that reduces useful headroom. For this reason, a low-leakage tantalum or ceramic capacitor is the best
choice. When polarized capacitors are used, the positive side of the capacitor should face the amplifier input in
most applications as the dc level there is held at 3 V, which is likely higher than the source dc level. Note that it
is important to confirm the capacitor polarity in the application. Additionally, lead-free solder can create dc offset
voltages and it is important to ensure that boards are cleaned properly.
10.2.2.6 BSN and BSP Capacitors
The full H-bridge output stages use only NMOS transistors. Therefore, they require bootstrap capacitors for the
high side of each output to turn on correctly. A 0.22-μF ceramic capacitor, rated for at least 25 V, must be
connected from each output to its corresponding bootstrap input. Specifically, one 0.22-μF capacitor must be
connected from OUTPx to BSPx, and one 0.22-μF capacitor must be connected from OUTNx to BSNx. (See the
application circuit diagram in Figure 18.)
The bootstrap capacitors connected between the BSxx pins and corresponding output function as a floating
power supply for the high-side N-channel power MOSFET gate drive circuitry. During each high-side switching
cycle, the bootstrap capacitors hold the gate-to-source voltage high enough to keep the high-side MOSFETs
turned on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com