Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA3136D2PWPR Datasheet(PDF) 13 Page - Texas Instruments

Part # TPA3136D2PWPR
Description  TPA3136D2, TPA3136AD2 10-W Inductor Free Stereo (BTL) Class-D Audio Amplifier with Ultra Low EMI
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPA3136D2PWPR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPA3136D2PWPR Datasheet HTML 9Page - Texas Instruments TPA3136D2PWPR Datasheet HTML 10Page - Texas Instruments TPA3136D2PWPR Datasheet HTML 11Page - Texas Instruments TPA3136D2PWPR Datasheet HTML 12Page - Texas Instruments TPA3136D2PWPR Datasheet HTML 13Page - Texas Instruments TPA3136D2PWPR Datasheet HTML 14Page - Texas Instruments TPA3136D2PWPR Datasheet HTML 15Page - Texas Instruments TPA3136D2PWPR Datasheet HTML 16Page - Texas Instruments TPA3136D2PWPR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
13
TPA3136D2, TPA3136AD2
www.ti.com
SLOS938F – MAY 2016 – REVISED JANUARY 2020
Product Folder Links: TPA3136D2 TPA3136AD2
Submit Documentation Feedback
Copyright © 2016–2020, Texas Instruments Incorporated
9.3 Feature Description
9.3.1 Fixed Analog Gain
The analog gain of the TPA3136D2, TPA3136AD2 is fixed to 26 dB.
9.3.2
SD Operation
The TPA3136D2, TPA3136AD2 device employs a shutdown mode of operation designed to reduce supply
current (ICC) to the absolute minimum level during periods of nonuse for power conservation. The SD input pin
should be held high (see specification table for trip point) during normal operation when the amplifier is in use.
Pulling SD low causes the outputs to mute and the amplifier to enter a low-current state. Never leave SD
unconnected, because amplifier operation would be unpredictable.
For the best power-off pop performance, place the amplifier in the shutdown mode prior to removing the power
supply voltage.
9.3.3 PLIMIT
The PLIMIT operation will, if selected, limit the output voltage level to a voltage level below the supply rail. In this
case, the amplifier operates as if it was powered by a lower supply voltage, and thereby limiting the output power
by voltage clipping. PLIMIT threshold is set by the PLIMIT pin voltage.
Figure 16. PLIMIT Circuit Operation
The PLIMIT circuit sets a limit on the output peak-to-peak voltage. The limiting is done by limiting the duty cycle
to a fixed maximum value. The limit can be thought of as a "virtual" voltage rail which is lower than the supply
connected to PVCC. The "virtual" rail is approximately four times the voltage at the PLIMIT pin. The output
voltage can be used to calculate the maximum output power for a given maximum input voltage and speaker
impedance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com