Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA3136D2PWPR Datasheet(PDF) 4 Page - Texas Instruments

Part # TPA3136D2PWPR
Description  TPA3136D2, TPA3136AD2 10-W Inductor Free Stereo (BTL) Class-D Audio Amplifier with Ultra Low EMI
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPA3136D2PWPR Datasheet(HTML) 4 Page - Texas Instruments

  TPA3136D2PWPR Datasheet HTML 1Page - Texas Instruments TPA3136D2PWPR Datasheet HTML 2Page - Texas Instruments TPA3136D2PWPR Datasheet HTML 3Page - Texas Instruments TPA3136D2PWPR Datasheet HTML 4Page - Texas Instruments TPA3136D2PWPR Datasheet HTML 5Page - Texas Instruments TPA3136D2PWPR Datasheet HTML 6Page - Texas Instruments TPA3136D2PWPR Datasheet HTML 7Page - Texas Instruments TPA3136D2PWPR Datasheet HTML 8Page - Texas Instruments TPA3136D2PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
1
SD
28
PVCC
2
FA ULT
27
PVCC
3
LINP
26
BSPL
4
LINN
25
OUTPL
5
NC
24
GND
6
NC
23
OUTNL
7
AVCC
22
BSNL
8
GND
21
BSNR
9
GVDD
20
OUTNR
10
PLIMIT
19
GND
11
RINN
18
OUTPR
12
RINP
17
BSPR
13
NC
16
PVCC
14
PBTL
15
PVCC
No t to scale
Th ermal
Pad
4
TPA3136D2, TPA3136AD2
SLOS938F – MAY 2016 – REVISED JANUARY 2020
www.ti.com
Product Folder Links: TPA3136D2 TPA3136AD2
Submit Documentation Feedback
Copyright © 2016–2020, Texas Instruments Incorporated
5 Device Comparison Table
DEVICE NAME
DESCRIPTION
TPA3110D2
15-W Filter-Free Class-D Stereo Amplifier with
SpeakerGuard™
TPA3140D2
10-W Inductor-Free Class-D Stereo Amplifier with
Ultra Low EMI and AGL
(1)
I = Input, O = Output, P = Power
6 Pin Configuration and Functions
PWP Package
28-Pin HTSSOP
(Top View)
Pin Functions
PIN
I/O/P(1)
DESCRIPTION
NAME
NUMBER
SD
1
I
Shutdown logic input for audio amp (LOW = outputs Hi-Z, HIGH = outputs enabled). TTL logic levels
with compliance to AVCC.
FAULT
2
O
Open drain output used to display short circuit or dc detect fault status. Voltage compliant to AVCC.
Short circuit faults can be set to auto-recovery by connecting FAULT pin to SD pin. Otherwise, both
short circuit faults and dc detect faults must be reset by cycling PVCC.
LINP
3
I
Positive audio input for left channel. Biased at 3 V.
LINN
4
I
Negative audio input for left channel. Biased at 3 V.
NC
5, 6, 13
I
No Connect Pin. Can be shorted to PVCC or shorted to GND or left open.
AVCC
7
P
Analog supply
GND
8
P
Analog signal ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com