Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA3136D2PWPR Datasheet(PDF) 8 Page - Texas Instruments

Part # TPA3136D2PWPR
Description  TPA3136D2, TPA3136AD2 10-W Inductor Free Stereo (BTL) Class-D Audio Amplifier with Ultra Low EMI
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPA3136D2PWPR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPA3136D2PWPR Datasheet HTML 4Page - Texas Instruments TPA3136D2PWPR Datasheet HTML 5Page - Texas Instruments TPA3136D2PWPR Datasheet HTML 6Page - Texas Instruments TPA3136D2PWPR Datasheet HTML 7Page - Texas Instruments TPA3136D2PWPR Datasheet HTML 8Page - Texas Instruments TPA3136D2PWPR Datasheet HTML 9Page - Texas Instruments TPA3136D2PWPR Datasheet HTML 10Page - Texas Instruments TPA3136D2PWPR Datasheet HTML 11Page - Texas Instruments TPA3136D2PWPR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
Supply Voltage (V)
4
5
6
7
8
9
10
11
12
13
14
15
0
2
4
6
8
10
12
14
16
18
20
D005
Supply Voltage (V)
4
5
6
7
8
9
10
11
12
13
14
15
0
2
4
6
8
10
12
14
16
D006
Output Power (W)
0.01
0.1
1
10
10m
100m
1
10
20
20m
50m
200m 500m
2
5
D003
20 Hz
1 kHz
Output Power (W)
0.01
0.1
1
10
10m
100m
1
10
20
20m
50m
200m 500m
2
5
D004
20 Hz
1 kHz
Frequency (Hz)
0.001
0.01
0.1
1
10
20
20k
100
1k
10k
50
200
500
2k
5k
D001
1W
2.5W
5W
Frequency (Hz)
0.001
0.01
0.1
1
10
20
20k
100
1k
10k
50
200
500
2k
5k
D002
1W
2.5W
5W
8
TPA3136D2, TPA3136AD2
SLOS938F – MAY 2016 – REVISED JANUARY 2020
www.ti.com
Product Folder Links: TPA3136D2 TPA3136AD2
Submit Documentation Feedback
Copyright © 2016–2020, Texas Instruments Incorporated
7.7 Typical Characteristics
All Measurements taken at 26dB closed loop gain, 1-kHz audio, T A= 25°C unless otherwise noted. Measurements were
made with AES17 filter using the TPA3136D2 EVM, which is available at ti.com.
AVCC=PVCC = 12 V, Load = 6 Ω + 47 µH, 1 W, 2.5 W, 5 W
Figure 1. Total Harmonic Distortion vs Frequency (BTL)
AVCC=PVCC = 13 V, Load = 8 Ω + 66 µH, 1 W, 2.5 W, 5 W
Figure 2. Total Harmonic Distortion vs Frequency (BTL)
AVCC=PVCC = 12 V, Load = 6 Ω + 47 µH, 20 Hz, 1 kHz
Figure 3. Total Harmonic Distortion + Noise vs Output
Power (BTL)
AVCC=PVCC = 13 V, Load = 8 Ω + 66 µH, 20 Hz, 1 kHz
Figure 4. Total Harmonic Distortion + Noise vs Output
Power (BTL)
AVCC=PVCC = 4.5 V to 14.4 V, Load = 6 Ω + 47 µH
Figure 5. Output Power vs Supply Voltage (BTL)
AVCC=PVCC = 4.5 V to 14.4 V, Load = 8 Ω + 66 µH
Figure 6. Output Power vs Supply Voltage (BTL)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com