Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2000C Datasheet(PDF) 17 Page - Texas Instruments

Part # TPS2000C
Description  TPS20xxC and TPS20xxC-2 Current Limited, Power-Distribution Switches
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS2000C Datasheet(HTML) 17 Page - Texas Instruments

Back Button TPS2000C Datasheet HTML 13Page - Texas Instruments TPS2000C Datasheet HTML 14Page - Texas Instruments TPS2000C Datasheet HTML 15Page - Texas Instruments TPS2000C Datasheet HTML 16Page - Texas Instruments TPS2000C Datasheet HTML 17Page - Texas Instruments TPS2000C Datasheet HTML 18Page - Texas Instruments TPS2000C Datasheet HTML 19Page - Texas Instruments TPS2000C Datasheet HTML 20Page - Texas Instruments TPS2000C Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 50 page
background image
IN
GND
FAULT
Control
Signal
4.5 V-6.5 V
0.1PF
COUT
Fault
Signal
Power
Pad
VOUT
EN
OUT
RFAULT
TPS2065CDGN
4
1/2
5
6/7/8
1
Copyright © 2016, Texas Instruments Incorporated
17
TPS2000C, TPS2001C, TPS2041C, TPS2051C, TPS2061C
TPS2065C, TPS2065C-2, TPS2068C, TPS2069C, TPS2069C-2
www.ti.com
SLVSAU6H – JUNE 2011 – REVISED APRIL 2016
Product Folder Links: TPS2000C TPS2001C TPS2041C TPS2051C TPS2061C TPS2065C TPS2065C-2 TPS2068C
TPS2069C TPS2069C-2
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
The TPS20xxC and TPS20xxC-2 current-limited power switch uses N-channel MOSFETs in applications
requiring continuous load current. The device enters constant-current mode when the load exceeds the current
limit threshold.
9.2 Typical Application
Figure 23. Typical Application Schematic
9.2.1 Design Requirements
For this design example, use the following input parameters:
1. The TPS2065CDGN operates from a 5-V to ±0.5-V input rail.
2. What is the normal operation current, for example, the maximum allowable current drawn by portable
equipment for USB 3.0 port is 900 mA, so the normal operation current is 900 mA, and the minimum current
limit of power switch must exceed 900 mA to avoid false trigger during normal operation. For the TPS2065C
device, target 1-A continuous output current application.
3. What is the maximum allowable current provided by up-stream power, the maximum current limit of power
switch that must lower it to ensure power switch can protect the up-stream power when overload is
encountered at the output of power switch. For the TPS2065C device, the maximum IOS is 1.8 A.
9.2.2 Detailed Design Procedure
To begin the design process a few parameters must be decided upon. The designer must know the following:
1. Normal input operation voltage
2. Output continuous current
3. Maximum up-stream power supply output current
9.2.2.1 Input and Output Capacitance
Input and output capacitance improves the performance of the device; the actual capacitance must be optimized
for the particular application. For all applications, TI recommends placing a 0.1-µF or greater ceramic bypass
capacitor between IN and GND, as close to the device as possible for local noise decoupling.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com