Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2000C Datasheet(PDF) 20 Page - Texas Instruments

Part # TPS2000C
Description  TPS20xxC and TPS20xxC-2 Current Limited, Power-Distribution Switches
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS2000C Datasheet(HTML) 20 Page - Texas Instruments

Back Button TPS2000C Datasheet HTML 16Page - Texas Instruments TPS2000C Datasheet HTML 17Page - Texas Instruments TPS2000C Datasheet HTML 18Page - Texas Instruments TPS2000C Datasheet HTML 19Page - Texas Instruments TPS2000C Datasheet HTML 20Page - Texas Instruments TPS2000C Datasheet HTML 21Page - Texas Instruments TPS2000C Datasheet HTML 22Page - Texas Instruments TPS2000C Datasheet HTML 23Page - Texas Instruments TPS2000C Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 50 page
background image
−2m
0
2m
4m
6m
8m
10m 12m 14m 16m 18m
−1
0
1
2
3
4
5
6
7
8
9
Output Voltage
FLT
EN
−0.6
−0.4
−0.2
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
Time (s)
Output Current
VIN = 5 V, COUT = 150 µF, RLOAD = 10 Ω, TPS2051C
G013
−2m
0
2m
4m
6m
8m
10m 12m 14m 16m 18m
−1
0
1
2
3
4
5
6
7
8
9
Output Voltage
FLT
EN
−0.4
−0.2
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
Time (s)
Output Current
VIN = 5 V, COUT = 150 µF, RLOAD = 50 mΩ, TPS2051C
G014
−2m
0
2m
4m
6m
8m
10m 12m 14m 16m 18m
−1
0
1
2
3
4
5
6
7
8
9
FLT
EN
VIN = 5 V, COUT = 150 µF, RLOAD = 50 mΩ, TPS2001C
−0.4
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
3.6
Time (s)
Output Current
Output Voltage
G011
Output Voltage
−2.5m
0
2.5m 5m 7.5m 10m 12.5m 15m 17.5m 20m 22.5m
−1
0
1
2
3
4
5
6
7
8
9
FLT
EN
VIN = 5 V, COUT = 150 µF, RLOAD = 50mΩ, TPS2001C
−0.4
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
3.6
Time (s)
Output Current
G012
−40m −30m −20m −10m
0
10m
20m
30m
40m
−1
0
1
2
3
4
5
6
7
8
9
Output Voltage
FLT
EN, VIN
−0.50
−0.25
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
Time (s)
Output Current
VIN = 5 V, COUT = 150 µF, RLOAD = 7.5Ω, TPS2065C
G009
−2m
0
2m
4m
6m
8m
10m 12m 14m 16m 18m
−1
1
3
5
7
9
Output Voltage
FLT
EN
−0.8
−0.4
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
Time (s)
Output Current
VIN = 5 V, COUT = 150 µF, RLOAD = 2.5 Ω, TPS2001C
G010
20
TPS2000C, TPS2001C, TPS2041C, TPS2051C, TPS2061C
TPS2065C, TPS2065C-2, TPS2068C, TPS2069C, TPS2069C-2
SLVSAU6H – JUNE 2011 – REVISED APRIL 2016
www.ti.com
Product Folder Links: TPS2000C TPS2001C TPS2041C TPS2051C TPS2061C TPS2065C TPS2065C-2 TPS2068C
TPS2069C TPS2069C-2
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Typical Application (continued)
Figure 32. TPS2065C Power Down – Enabled
Figure 33. TPS2001C Turnon into 2.5
Ω
Figure 34. TPS2001C Enable into Short
Figure 35. TPS2001C Pulsed Output Short
Figure 36. TPS2051C Turnon into 10
Ω
Figure 37. TPS2051C Enable into Short



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com