Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2000C Datasheet(PDF) 23 Page - Texas Instruments

Part # TPS2000C
Description  TPS20xxC and TPS20xxC-2 Current Limited, Power-Distribution Switches
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS2000C Datasheet(HTML) 23 Page - Texas Instruments

Back Button TPS2000C Datasheet HTML 19Page - Texas Instruments TPS2000C Datasheet HTML 20Page - Texas Instruments TPS2000C Datasheet HTML 21Page - Texas Instruments TPS2000C Datasheet HTML 22Page - Texas Instruments TPS2000C Datasheet HTML 23Page - Texas Instruments TPS2000C Datasheet HTML 24Page - Texas Instruments TPS2000C Datasheet HTML 25Page - Texas Instruments TPS2000C Datasheet HTML 26Page - Texas Instruments TPS2000C Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 50 page
background image
0.100 x 0.060
& 3 18 mil vias to
inner plane 2
10 mil trace
0.100 x 0.175
& 5 18 mil vias
0.185 x 0.045
& 3 18 mil vias
0.07 x 0.08
0.08 x 0.250
0.15 x 0.15
10 mil trace
50 mil trace
C
IN
V
IN: 0.0145in
2 area
& 2 x 0.018in vias
GND: 0.056in
2 total area
& 3 x 0.018in vias
C
OUT
V
OUT:
0.048in
2 total area
5 x 0.01in vias
0.050in trace
C
OUT
VIN: 0.00925in
2
& 3 x 0.018in vias
VOUT: 0.041in
2 total
0.050in trace
4 x 0.01in vias
C
IN
GND: 0.052in
2 Total
& 3 x 0.018in vias
23
TPS2000C, TPS2001C, TPS2041C, TPS2051C, TPS2061C
TPS2065C, TPS2065C-2, TPS2068C, TPS2069C, TPS2069C-2
www.ti.com
SLVSAU6H – JUNE 2011 – REVISED APRIL 2016
Product Folder Links: TPS2000C TPS2001C TPS2041C TPS2051C TPS2061C TPS2065C TPS2065C-2 TPS2068C
TPS2069C TPS2069C-2
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Power Dissipation and Junction Temperature (continued)
Figure 43. DBV Package PCB Layout Example
Figure 44. DGN Package PCB Layout Example
Figure 45. DGK Package PCB Layout Example
As shown in Equation 1, the following procedure requires iteration because power loss is due to the internal
MOSFET I2 × RDS(ON), and RDS(ON) is a function of the junction temperature. As an initial estimate, use the
RDS(ON) at 125°C from the Typical Characteristics, and the preferred package thermal resistance for the preferred
board construction from the Thermal Information: SOT-23 table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com