Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2000C Datasheet(PDF) 18 Page - Texas Instruments

Part # TPS2000C
Description  TPS20xxC and TPS20xxC-2 Current Limited, Power-Distribution Switches
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS2000C Datasheet(HTML) 18 Page - Texas Instruments

Back Button TPS2000C Datasheet HTML 14Page - Texas Instruments TPS2000C Datasheet HTML 15Page - Texas Instruments TPS2000C Datasheet HTML 16Page - Texas Instruments TPS2000C Datasheet HTML 17Page - Texas Instruments TPS2000C Datasheet HTML 18Page - Texas Instruments TPS2000C Datasheet HTML 19Page - Texas Instruments TPS2000C Datasheet HTML 20Page - Texas Instruments TPS2000C Datasheet HTML 21Page - Texas Instruments TPS2000C Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 50 page
background image
−2m
0
2m
4m
6m
8m 10m 12m 14m 16m 18m 20m
−1
0
1
2
3
4
5
6
7
8
9
Output Voltage
FLT
EN
−0.50
−0.25
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
Time (s)
Output Current
VIN = 5 V, COUT = 150 µF, RLOAD = 5 Ω, TPS2065C
G001
−2m
0
2m
4m
6m
8m 10m 12m 14m 16m 18m 20m
−1
0
1
2
3
4
5
6
7
8
9
Output Voltage
FLT
EN
−0.50
−0.25
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
Time (s)
Output Current
VIN = 5 V, COUT = 150 µF, RLOAD = 100 Ω, TPS2065C
G002
18
TPS2000C, TPS2001C, TPS2041C, TPS2051C, TPS2061C
TPS2065C, TPS2065C-2, TPS2068C, TPS2069C, TPS2069C-2
SLVSAU6H – JUNE 2011 – REVISED APRIL 2016
www.ti.com
Product Folder Links: TPS2000C TPS2001C TPS2041C TPS2051C TPS2061C TPS2065C TPS2065C-2 TPS2068C
TPS2069C TPS2069C-2
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Typical Application (continued)
All protection circuits such as the TPS20xxC and TPS20xxC-2 has the potential for input voltage overshoots and
output voltage undershoots.
Input voltage overshoots can be caused by either of two effects. The first cause is an abrupt application of input
voltage in conjunction with input power bus inductance and input capacitance when the IN terminal is high
impedance (before turnon). Theoretically, the peak voltage is 2× the applied. The second cause is due to the
abrupt reduction of output short-circuit current when the TPS20xxC and TPS20xxC-2 turns off and energy stored
in the input inductance drives the input voltage high. Input voltage droops may also occur with large load steps
and as the TPS20xxC and TPS20xxC-2 output is shorted. Applications with large input inductance (for example,
connecting the evaluation board to the bench power-supply through long cables) may require large input
capacitance reduce the voltage overshoot from exceeding the absolute maximum voltage of the device. The fast
current limit speed of the TPS20xxC and TPS20xxC-2 to hard output short circuits isolates the input bus from
faults. However, ceramic input capacitance in the range of 1 µF to 22 µF adjacent to the TPS20xxC and
TPS20xxC-2 input aids in both speeding the response time and limiting the transient seen on the input power
bus. Momentary input transients to 6.5 V are permitted.
Output voltage undershoot is caused by the inductance of the output power bus just after a short has occurred
and the TPS20xxC and TPS20xxC-2 has abruptly reduced OUT current. Energy stored in the inductance drives
the OUT voltage down and potentially negative as it discharges. Applications with large output inductance (such
as from a cable) benefit from use of a high-value output capacitor to control the voltage undershoot. When
implementing USB standard applications, a 120-µF minimum output capacitance is required. Typically a 150-µF
electrolytic capacitor is used, which is sufficient to control voltage undershoots. However, if the application does
not require 120 µF of capacitance, and there is potential to drive the output negative, then TI recommends a
minimum of 10-µF ceramic capacitance on the output. The voltage undershoot must be controlled to less than
1.5 V for 10 µs.
9.2.3 Application Curves
Figure 24. TPS2065C Output Rise / Fall 5
Ω
Figure 25. TPS2065C Output Rise / Fall 100
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com