Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2HCS10-Q1 Datasheet(PDF) 22 Page - Texas Instruments

Part # TPS2HCS10-Q1
Description  TPS2HCS10-Q1 11.3mΩ, Automotive Dual-Channel, SPI Controlled High-Side Switch With Integrated I2T Wire Protection and Low Power Mode
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS2HCS10-Q1 Datasheet(HTML) 22 Page - Texas Instruments

Back Button TPS2HCS10-Q1 Datasheet HTML 18Page - Texas Instruments TPS2HCS10-Q1 Datasheet HTML 19Page - Texas Instruments TPS2HCS10-Q1 Datasheet HTML 20Page - Texas Instruments TPS2HCS10-Q1 Datasheet HTML 21Page - Texas Instruments TPS2HCS10-Q1 Datasheet HTML 22Page - Texas Instruments TPS2HCS10-Q1 Datasheet HTML 23Page - Texas Instruments TPS2HCS10-Q1 Datasheet HTML 24Page - Texas Instruments TPS2HCS10-Q1 Datasheet HTML 25Page - Texas Instruments TPS2HCS10-Q1 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 121 page
background image
• Immediate shutdown overcurrent protection (IOCP)
• Programmable fuse protection (or I2T protection) (if enabled)
• Thermal shutdown (TREL and TABS)
• Short-circuit protection (ISCP_LPM_MAN or ISCP_LPM_AUTO) in LPM states
In regards to overcurrent protection, the device has two operation modes, an optional inrush period at channel
startup and during steady state operation. The optional inrush period can be configured to allow the device
to handle different inrush currents such as bulbs, motor stall currents, or capacitive loads at the initial turn
on of a channel. The CAP_CHRG_CHx, INRUSH_DURATION_CHx, and INRUSH_LIMIT_CHx bits in the
ILIM_CONFIG_CHx registers control the operation of the device in the inrush period. I2T protection (if enabled)
is only active in the inrush period if CAP_CHRG_CHx = 00 and if VDS < VDS_LT_2V. Steady state operation takes
over after the inrush period has completed. During steady state operation, overcurrent protection (IOCP) is active
and I2T protection is active (if enabled).
During the inrush period all voltage sensing (VBB, VOUT, and VDS) and FET temperature sensing can be used
if enabled. Current sensing is only available in CAP_CHRG_CHx = 00 when VDS < VDS_LT_2V or after the inrush
period has completed and the device is in steady state operation. All voltage sensing, FET temperature sensing,
and current sensing is available in the steady operation.
Figure 8-4 provides an overview of the overcurrent protection in the optional inrush period and steady state
operation.
For more details on the different protections available in the inrush period and in steady state, see the following
sections. Overcurrent protection in the LPM states is covered in the LPM section.
CHx_ON
VOUTx
<0b0>
<0b1>
IOUTx
Steady state opera on
Protec on
- overcurrent protec on (IOCP) set by ILIMIT_SET_CHx
- I2T protec on (if enabled)
Diagnos cs
- ISNS is available
- VDS_SNS, TSNS, VSNS, and VBBSNS are available
Figure 8-4. Overcurrent Protection Modes Overview
8.3.1.1.1 Inrush Period - Overcurrent Protection
The inrush period is an optional mode of the device where it can be configured to allow the device to handle
different inrush currents such as bulbs, motor stall currents, or capacitive loads at the initial turn on of a
channel. The inrush period can be configured through the CAP_CHRG_CHx, INRUSH_DURATION_CHx, and
TPS2HCS10-Q1
SLVSGY2A – OCTOBER 2023 – REVISED OCTOBER 2025
www.ti.com
22
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TPS2HCS10-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com