Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2HCS10-Q1 Datasheet(PDF) 29 Page - Texas Instruments

Part # TPS2HCS10-Q1
Description  TPS2HCS10-Q1 11.3mΩ, Automotive Dual-Channel, SPI Controlled High-Side Switch With Integrated I2T Wire Protection and Low Power Mode
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS2HCS10-Q1 Datasheet(HTML) 29 Page - Texas Instruments

Back Button TPS2HCS10-Q1 Datasheet HTML 25Page - Texas Instruments TPS2HCS10-Q1 Datasheet HTML 26Page - Texas Instruments TPS2HCS10-Q1 Datasheet HTML 27Page - Texas Instruments TPS2HCS10-Q1 Datasheet HTML 28Page - Texas Instruments TPS2HCS10-Q1 Datasheet HTML 29Page - Texas Instruments TPS2HCS10-Q1 Datasheet HTML 30Page - Texas Instruments TPS2HCS10-Q1 Datasheet HTML 31Page - Texas Instruments TPS2HCS10-Q1 Datasheet HTML 32Page - Texas Instruments TPS2HCS10-Q1 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 121 page
background image
Latch-Off Behavior - No Capacitive Charging Mode (CAP_CHRG_CHx = 00)
If LATCH_CHx = 1 and CAP_CHRG_CHx = 00 and the IOCP level is exceeded, the device will latch-off and will
not retry until the CHx_ON bit (version A) is toggled or the DIx pin (version B) is toggled or the LATCH_CHx bit
is toggled. Upon resetting the latch either through an output toggle or through the LATCH_CHx bit toggle, the
channel will start up into the inrush period if configured. Figure 8-9 below shows the latch behavior if a hot short
circuit occurs during steady state operation with LATCH_CHx = 1. Figure 8-10 shows the latch behavior if the
channel starts into a short circuit event in the inrush period.
IOCP
Normal operation
Output enabled, short circuit event
occurs
FLT
CHx_ON
or DIx
IOUT1
Latch operation
Short-circuit event removed
0A
0V
0V
Normal
operation
Channel toggled
Figure 8-9. Hot Short During Steady State Operation with CAP_CHRG_CHx = 00, Latch-Off (LATCH_CHx
= 1)
IOCP
Inrush period
operation
Output is enabled
into a short circuit
FLT
CHx_ON
or DIx
IOUT1
Latch operation
Channel remains off until LATCH_CHx is toggled or channel is toggled
0A
0V
0V
Normal
operation
Channel toggled
Figure 8-10. Start into a Short Circuit Event with CAP_CHRG_CHx = 00, Latch-Off (LATCH_CHx = 1)
Auto Retry Behavior - Current Limit Regulation Charging Mode (CAP_CHRG_CHx = 10)
If a short circuit event occurs in steady state operation with CAP_CHRG_CHx = 10 and LATCH_CHx = 0, after
the channel turns off and tRETRY expires the device will retry into the inrush period with the current limit regulation
www.ti.com
TPS2HCS10-Q1
SLVSGY2A – OCTOBER 2023 – REVISED OCTOBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: TPS2HCS10-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com