Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2HCS10-Q1 Datasheet(PDF) 72 Page - Texas Instruments

Part # TPS2HCS10-Q1
Description  TPS2HCS10-Q1 11.3mΩ, Automotive Dual-Channel, SPI Controlled High-Side Switch With Integrated I2T Wire Protection and Low Power Mode
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS2HCS10-Q1 Datasheet(HTML) 72 Page - Texas Instruments

Back Button TPS2HCS10-Q1 Datasheet HTML 68Page - Texas Instruments TPS2HCS10-Q1 Datasheet HTML 69Page - Texas Instruments TPS2HCS10-Q1 Datasheet HTML 70Page - Texas Instruments TPS2HCS10-Q1 Datasheet HTML 71Page - Texas Instruments TPS2HCS10-Q1 Datasheet HTML 72Page - Texas Instruments TPS2HCS10-Q1 Datasheet HTML 73Page - Texas Instruments TPS2HCS10-Q1 Datasheet HTML 74Page - Texas Instruments TPS2HCS10-Q1 Datasheet HTML 75Page - Texas Instruments TPS2HCS10-Q1 Datasheet HTML 76Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 121 page
background image
8.5.5 GLOBAL_FAULT_TYPE Register (Offset = 4h) [Reset = 0147h]
GLOBAL_FAULT_TYPE is shown in Table 8-19.
Return to the Summary Table.
Table 8-19. GLOBAL_FAULT_TYPE Register Field Descriptions
Bit
Field
Type
Reset
Description
15
RESERVED
R
0h
Reserved
14
RESERVED
R
0h
Reserved
13
CH2_FLT
R
0h
Fault status of channel 2.
If FLT_LTCH_DIS = 0, then the fault bit is latched and is cleared only
when the FLT_STAT_CH2 register is read and the fault condition(s) no
longer exist
If FLT_LTCH_DIS = 1, then the fault bit is cleared when the fault
condition(s) no longer exist
0h = No fault(s) have occurred on CH2
1h = Fault(s) have occurred on CH2
12
CH1_FLT
R
0h
Fault status of channel 1.
If FLT_LTCH_DIS = 0, then the fault bit is latched and is cleared only
when the FLT_STAT_CH1 register is read and the fault condition(s) no
longer exist
If FLT_LTCH_DIS = 1, then the fault bit is cleared when the fault
condition(s) no longer exist
0h = No fault(s) have occurred on CH1
1h = Fault(s) have occurred on CH1
11
LPM_STATUS
R
0h
This bit indicates if the device is in either MANUAL_LPM mode or
AUTO_LPM mode and is cleared when the device is not in any LPM
mode.
0h = Device is not in the AUTO_LPM or MANUAL_LPM state
1h = Device has entered either AUTO_LPM or MANUAL_LPM state
10
CHAN_OCP_I2T_TSD
R
0h
This bit indicates if there is an overcurrent protection or I2T protection or
thermal shutdown fault in any one of the channels.
If FLT_LTCH_DIS = 0, then the fault bit is latched and is cleared only
when the FLT_STAT_CHx register is read and the fault condition(s) no
longer exist
If FLT_LTCH_DIS = 1, then the fault bit is cleared when the fault
condition(s) no longer exist
0h = No overcurrent protection, I2T protection, or thermal shutdown fault
in any of the channels
1h = Overcurrent protection, I2T protection, or thermal shutdown fault(s) in
one or both of the channels
9
OL_SHRT_VBB_OFF_FLT
R
0h
This bit indicates if there is a short to VBB supply in the off-state fault in
any one of the channels.
If FLT_LTCH_DIS = 0, then the fault bit is latched and is cleared only
when the FLT_STAT_CHx register is read and the fault condition(s) no
longer exist
0h = No off-state short to VBB or open load fault in any of the channels
1h = Off-state short to VBB or open load fault(s) in one or both of the
channels
TPS2HCS10-Q1
SLVSGY2A – OCTOBER 2023 – REVISED OCTOBER 2025
www.ti.com
72
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TPS2HCS10-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com