Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY8C3865PVC-LP Datasheet(PDF) 22 Page - Infineon Technologies AG

Part # CY8C3865PVC-LP
Description  Programmable System-on-Chip (PSoC®)
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CY8C3865PVC-LP Datasheet(HTML) 22 Page - Infineon Technologies AG

Back Button CY8C3865PVC-LP Datasheet HTML 18Page - Infineon Technologies AG CY8C3865PVC-LP Datasheet HTML 19Page - Infineon Technologies AG CY8C3865PVC-LP Datasheet HTML 20Page - Infineon Technologies AG CY8C3865PVC-LP Datasheet HTML 21Page - Infineon Technologies AG CY8C3865PVC-LP Datasheet HTML 22Page - Infineon Technologies AG CY8C3865PVC-LP Datasheet HTML 23Page - Infineon Technologies AG CY8C3865PVC-LP Datasheet HTML 24Page - Infineon Technologies AG CY8C3865PVC-LP Datasheet HTML 25Page - Infineon Technologies AG CY8C3865PVC-LP Datasheet HTML 26Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 140 page
background image
Document Number: 001-84932 Rev. *N
Page 21 of 139
PSoC® 5LP: CY8C58LP Family
Datasheet
5.6 External Memory Interface
CY8C58LP provides an external memory interface (EMIF) for
connecting to external memory devices. The connection allows
read and write accesses to external memories. The EMIF
operates in conjunction with UDBs, I/O ports, and other
hardware to generate external memory address and control
signals. At 33 MHz, each memory access cycle takes four bus
clock cycles.
Figure 5-1 is the EMIF block diagram. The EMIF supports
synchronous and asynchronous memories. The CY8C58LP only
supports one type of external memory device at a time.
External memory is located in the Cortex-M3 external RAM
space; it can use up to 24 address bits. See Memory Map on
page 22. The memory can be 8 or 16 bits wide.
Cortex-M3 instructions can be fetched from external memory if it
is 16-bit. Other limitations apply; for details, see application note
AN89610, PSoC® 4 and PSoC 5LP Arm Cortex Code
Optimization. There is no provision for code security in external
memory. If code must be kept secure, then it should be placed in
internal flash. See Flash Security on page 19 and Device
Security on page 64.
Figure 5-1. EMIF Block Diagram
PHUB
IO IF
UDB
EMIF
I/O
PORTs
I/O
PORTs
I/O
PORTs
Data,
Address,
and Control
Signals
Data,
Address,
and Control
Signals
Address Signals
Data Signals
Control Signals
Data,
Address,
and Control
Signals
EM Control
Signals
Other
Control
Signals
DSI Dynamic Output
Control
DSI to Port
Control
External_ MEM_ DATA[15:0]
External_ MEM_ ADDR[23:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com